Electronic Components Datasheet Search
Selected language     English  ā–¼
Advanced Search

              



Part Name


AP6330 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part No. AP6330
Description  WiFiBluetooth 4.0(HS)FM Rx Module
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 10 page
background image
AP6330 Datasheet
AMPAK Technology Inc.
www.ampak.com.tw
Proprietary & Confidential Information
Doc. NO:
8
- 11Mbps
PER @ -87 dBm, typical
Receive Sensitivity (11a)
@10% PER
-
6Mbps
PER @ -81 dBm, typical
-
9Mbps
PER @ -80 dBm, typical
- 12Mbps
PER @ -79 dBm, typical
- 18Mbps
PER @ -77 dBm, typical
- 24Mbps
PER @ -76 dBm, typical
- 36Mbps
PER @ -73 dBm, typical
- 48Mbps
PER @ -69 dBm, typical
- 54Mbps
PER @ -68 dBm, typical
Data Rate
802.11a : 6, 9, 12, 18, 24, 36, 48, 54Mbps
802.11b : 1, 2, 5.5, 11Mbps
802.11g : 6, 9, 12, 18, 24, 36, 48, 54Mbps
Data Rate
(20MHz ,Long GI,800ns)
802.11n: 6.5, 13, 19.5, 26, 39, 52, 58.5, 65Mbps
Data Rate
(20MHz ,short GI,400ns)
802.11n : 7.2, 14.4, 21.7, 28.9, 43.3, 57.8, 65,72.2Mbps
Maximum Input Level
802.11b : -10 dBm
802.11a/g/n : -20 dBm
Antenna Reference
Small antennas with 0~2 dBi peak gain
15GHz Channel table
Band (GHz)
Operating Channel
Numbers
Channel center
frequencies(MHz)
5.15GHz~5.25GHz
36
5180
40
5200
44
5220
48
5240
5.25GHz~5.35GHz
52
5260
56
5280
60
5300
64
5320
5.5GHz~5.7GHz
100
5500
104
5520
108
5540
112
5560
116
5580
120
5600
124
5620
128
5640
132
5660
136
5680
140
5700
5.725GHz~5.825GHz
149
5745
153
5765
157
5785
161
5805




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl