Electronic Components Datasheet Search
Selected language     English  ā–¼
Advanced Search

              



Part Name


EUP3484S Datasheet(PDF) 2 Page - Eutech Microelectronics Inc

Part No. EUP3484S
Description  3A, 24V, 340KHz Synchronous Step-Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EUTECH [Eutech Microelectronics Inc]
Homepage  http://www.eutechmicro.com
Logo 

 
 2 page
background image
EUP3484S
DS3484S
Ver1.2
May 2012
2
Pin Configurations
Package Type
Pin Configurations
SOP-8 (EP)
Pin Description
PIN
PIN NAME
DESCRIPTION
1
BS
High-Side Gate Drive Boost Input. BS supplies the drive for the high-side N-Channel
DMOS switch. Connect a 0.01ĀµF or greater capacitor from SW to BS to power the
high side switch.
2
IN
Input Supply Pin. IN supplies the power to the IC, as well as the step-down converter
switches. Drive IN with a 4.5V to 24V power source. Bypass IN to GND with a
suitably large capacitor to minimize input ripple to the IC. See Input Capacitor
Section of the applications notes.
3
SW
Power Switching Output. Connect the output LC filter from SW to the output load.
4
9 (Exposed Pad)
GND
Ground. GND pin should be connected to the exposed thermal pad for proper
operation. This power thermal pad should be connected to PCB ground plane using
multiple vias for good thermal performance.
5
FB
Output Feedback Input. FB senses the output voltage and regulates it. Drive FB with a
resistive voltage divider connected to it from the output voltage. The feedback threshold
is 0.925V. See Setting the Output Voltage.
6
COMP
Loop compensation Input. Connect a series RC network from COMP to GND to
compensate the regulation control loop. See Compensation.
7
EN
Enable Input. EN is a logic input that controls the regulator on or off. Drive EN high to
turn on the regulator; low to turn it off. Donā€™t leave EN pin floating. Directly connect
EN to IN (or through a resistance) for automatic startup.
8
SS
Soft-Start Control Input. Connect an external capacitor to program the soft-start. If
unused, leave it open, which means internal soft-start function.




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl