Electronic Components Datasheet Search
Selected language     English  Ôľ╝
Advanced Search

              



Part Name


ICE3BR4765JZ Datasheet(PDF) 23 Page - Infineon Technologies AG

Part No. ICE3BR4765JZ
Description  Off-Line SMPS Current Mode Controller
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 23 page
background image
ICE3BR4765JZ
Electrical Characteristics
Version 2.1
23
30 Aug 2011
4.3.6
Current Limiting
4.3.7
CoolMOS® Section
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Peak Current Limitation
(incl. Propagation Delay)
Vcsth
0.96
1.03
1.10
V
dVsense / dt = 0.6V/ms
(see Figure 20)
Peak Current Limitation during
Active Burst Mode
VCS2
0.29
0.34
0.38
V
Leading Edge Blanking
tLEB
-
220
-
ns
CS Input Bias Current
ICSbias
-1.5
-0.2
-
mA
VCS =0V
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Drain Source Breakdown Voltage
V(BR)DSS
650
-
-
V
Tj = 110┬░C,
Refer to Figure 30 for
other V(BR)DSS in
different Tj
Drain Source On-Resistance
RDSon
-
-
4.70
10.0
5.44
12.5
W
W
Tj = 25┬░C
Tj=125┬░C1)
at ID = 0.5A
1)
The parameter is not subjected to production test - verified by design/characterization
Effective output capacitance, energy
related
Co(er)
-
4.75
-
pF
VDS = 0V to 480V1)
Rise Time
trise
-
302)
2)
Measured in a Typical Flyback Converter Application
-
ns
Fall Time
tfall
-
302)
-
ns




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl