Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


ICE3BR4765JZ Datasheet(PDF) 12 Page - Infineon Technologies AG

Part No. ICE3BR4765JZ
Description  Off-Line SMPS Current Mode Controller
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 12 page
background image
ICE3BR4765JZ
Functional Description
Version 2.1
12
30 Aug 2011
Within the soft start period, the duty cycle is increasing
from zero to maximum gradually (see Figure 12).
In addition to Start-Up, Soft-Start is also activated at
each restart attempt during Auto Restart.
Figure 13 Start Up Phase
The Start-Up time TStart-Up before the converter output
voltage VOUT is settled, must be shorter than the Soft-
Start Phase TSoft-Start (see Figure 13).
By means of Soft-Start there is an effective
minimization of current and voltage stresses on the
integrated CoolMOS®, the clamp circuit and the output
overshoot and it helps to prevent saturation of the
transformer during Start-Up.
3.5
PWM Section
Figure 14
PWM Section Block
3.5.1
Oscillator
The oscillator generates a fixed frequency of 65KHz
with frequency jittering of ±4% (which is ±2.6KHz) at a
jittering period of 4ms.
A capacitor, a current source and current sink which
determine the frequency are integrated. In order to
achieve a very accurate switching frequency, the
charging and discharging current of the implemented
oscillator capacitor are internally trimmed. The ratio of
controlled charge to discharge current is adjusted to
reach a maximum duty cycle limitation of Dmax=0.75.
Once the Soft Start period is over and when the IC goes
into normal operating mode, the switching frequency of
the clock is varied by the control signal from the Soft
Start block. Then the switching frequency is varied in
range of 65KHz ± 2.6KHz at period of 4ms.
3.5.2
PWM-Latch FF1
The output of the oscillator block provides continuous
pulse to the PWM-Latch which turns on/off the
integrated CoolMOS®. After the PWM-Latch is set, it is
reset by the PWM comparator, the Soft Start
comparator or the Current -Limit comparator. When it is
in reset mode, the output of the driver is shut down
immediately.
t
t
VSoftS
t
VSOFTS32
4.0V
TSoft-Start
VOUT
VFB
VOUT
TStart-Up
Oscillator
Duty Cycle
max
Gate Driver
0.75
Clock
&
G9
1
G8
PWM Section
FF1
R
S
Q
Soft Start
Comparator
PWM
Comparator
Current
Limiting
CoolMOS
®
Gate
Frequency
Jitter
Soft Start
Block




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl