Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAS6203 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NAS6203
Description  BOLT, HEX HEAD, CLOSE TOLERANCE, ALLOY STEEL SHORT THREAD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NAS6203 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NAS6203 Datasheet HTML 1Page - List of Unclassifed Manufacturers NAS6203 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product information and part numbers shown on these pages are not guaranteed
correct by AVIAQUIP PTY. LTD and are subject to cha nge without notice.
13
NAS6603 THRU NAS6620
BOLT, HEX HEAD, CLOSE TOLERANCE, ALLOY STEEL, LONG THREAD
SELF-LOCKING & NON LOCKING
HEAD MARKINGS : Basic number
plus grip dash number plus "D"
"L" or "P" when applicable plus manufacturer's symbol
Raised or depressed .010 max. Arrangement optional
"D" identifies bolt with drilled shank
"L" identifies bolt with optional locking elements
BASIC
NUMBER
THREAD
A
B
MIN
C
DIA
MI
N
D DIAMETER
"H"
+.015
- .000
"TD"
DIA
BEFORE
PLATE
AFTER
PLATE
MAX MIN
MAX MIN
MAX
MIN
MAX MIN
NAS6603
NAS6604
NAS6605
NAS6606
.1900-32
.2500-28
.3125-24
.3750-24
.376
.439
.502
.564
.367
.429
.492
.554
.410
.480
.552
.623
.335
.398
.460
.523
.1850
.2450
.3075
.3700
.1845
.2445
.3070
.3695
.1895
.2495
.3120
.3745
.1885
.2485
.3110
.3735
.110
.125
.156
.188
.345
.425
.469
.578
.184
.244
.306
.368
.181
.241
.302
.364
NAS6607
NAS6608
NAS6609
.4375-20
.5000-20
.5625-18
.690
.752
.877
.678
.741
.665
.764
.836
.978
.648
.710
.835
.4325
.4950
.5570
.4320
.4645
.5565
.4370
.4995
.5615
.4360
.4985
.5605
.219
.250
.281
.694
.735
.840
.431
.493
.555
.426
.488
.550
NAS6610
NAS6612
NAS6614
.6250-18
.7500-16
.8750-14
.940
1.065
1.252
.928
1.052
1.239
1.050
1.191
1.405
.898
1.023
1.210
.6195
.7445
.8695
.6190
.7440
.8690
.6240
.7490
.8740
.6230
.7480
.8730
.312
.375
.438
.902
1.041
1.184
.618
.743
.868
.612
.737
.861
NAS6616
NAS6618
NAS6620
1.0000-12
1.1250-12
1.2500-12
1.440
1.627
1.814
1.427
1.614
1.801
1.619
1.832
2.046
1.398
1.585
1.772
.9945
1.1195
1.2445
.9940
1.1195
1.2445
.9990
1.1240
1.2490
.9980
1.1225
1.2475
.500
.562
.625
1.309
1.458
1.646
.993
1.118
1.243
.986
1.111
1.236
"T"
REF
MATERIAL : ALLOY STEEL - 4140, 4340, E4340 or 8740.
Locking element - plastic per MIL-F-18240 and CPL18240
HEAT TREAT : 160-180 KSI Flu; 95 KSI min ultimate shear per MIL-H-6875.
FINISH:
Cadmium Plate per QQ-P-416 Type 11 Class 2
Embrittlement requirements per NAS4002
CHROMIUM PLATED BOLTS : Chromium Plate per QQ-C-320 class 2 on shank only - all other surfaces
cadmium plated. Chromium in thread run-out permitted. Chromium plated bolts not available
with grip 1 or number 2.
EXAMPLES OF PART NUMBERS :
NAS6604-10 Bolt .2500-28 thread .625 grip undrilled non -locking cadmium plated
NAS6604D10 .2500-28 thread , .625 grip drilled shank undrilled head non-locking cad plated
NAS6604DH10 .2500-28 thread .625 grip drilled shank drilled head
B


Similar Part No. - NAS6203

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NAS623-2-1 ETC-NAS623-2-1 Datasheet
106Kb / 1P
   ALLOY/STRUCTURAL — MACHINE SCREWS
NAS623-2-10 ETC-NAS623-2-10 Datasheet
106Kb / 1P
   ALLOY/STRUCTURAL — MACHINE SCREWS
NAS623-2-11 ETC-NAS623-2-11 Datasheet
106Kb / 1P
   ALLOY/STRUCTURAL — MACHINE SCREWS
NAS623-2-12 ETC-NAS623-2-12 Datasheet
106Kb / 1P
   ALLOY/STRUCTURAL — MACHINE SCREWS
NAS623-2-2 ETC-NAS623-2-2 Datasheet
106Kb / 1P
   ALLOY/STRUCTURAL — MACHINE SCREWS
More results

Similar Description - NAS6203

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
38999 GLENAIR-38999 Datasheet
194Kb / 2P
   Close-Tolerance Connectors
logo
EUROQUARTZ limited
XO95MK EUROQUARTZ-XO95MK Datasheet
240Kb / 2P
   Close Tolerance SMD Oscillator
logo
EPCOS
B57861S0502F045 EPCOS-B57861S0502F045 Datasheet
62Kb / 3P
   Miniature Sensors, Close B Value Tolerance
logo
SparkFun Electronics
DEV-11791 SPARKFUN-DEV-11791 Datasheet
88Kb / 1P
   Conductive Thread - 60g (Stainless Steel)
9??2??7
logo
UMPCO, Inc.
AS9598 UMPCO-AS9598 Datasheet
68Kb / 2P
   BRACKET, ANGLE, 90째, CADMIUM PLATED, ALLOY STEEL UNS G41300, .190 X .312 BOLT
AS9599 UMPCO-AS9599 Datasheet
68Kb / 2P
   BRACKET, ANGLE, 90째, ALLOY STEEL UNS G41300, CADMIUM PLATED .190 X .375 BOLT
logo
Pomona Electronics
5018-5 POMONA-5018-5 Datasheet
24Kb / 2P
   Hex Head Binding Post
logo
SparkFun Electronics
DEV-10867 SPARKFUN-DEV-10867 Datasheet
103Kb / 1P
   Conductive Thread Bobbin - 30ft (Stainless Steel)
8/4/2016
DEV-13814 SPARKFUN-DEV-13814 Datasheet
107Kb / 1P
   Smooth Thread Bobbin - 12m (Stainless Steel)
4/12/2016
logo
Pomona Electronics
5018 POMONA-5018 Datasheet
24Kb / 2P
   Hex Head Binding Post
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com