Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Pm25LD512-KCE Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # Pm25LD512-KCE
Description  512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Pm25LD512-KCE Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button Pm25LD512-KCE Datasheet HTML 23Page - List of Unclassifed Manufacturers Pm25LD512-KCE Datasheet HTML 24Page - List of Unclassifed Manufacturers Pm25LD512-KCE Datasheet HTML 25Page - List of Unclassifed Manufacturers Pm25LD512-KCE Datasheet HTML 26Page - List of Unclassifed Manufacturers Pm25LD512-KCE Datasheet HTML 27Page - List of Unclassifed Manufacturers Pm25LD512-KCE Datasheet HTML 28Page - List of Unclassifed Manufacturers Pm25LD512-KCE Datasheet HTML 29Page - List of Unclassifed Manufacturers Pm25LD512-KCE Datasheet HTML 30Page - List of Unclassifed Manufacturers Pm25LD512-KCE Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Pm25LD512/010/ 020
Confidential information
Chingis Technology Corp.
27
DRAFT Date: August, 2010, Rev:0.4
POWER-UP AND POWER-DOWN
At Power-up and Power-down, the device must not be
selected (CE# must follow the voltage applied on Vcc)
until Vcc reaches the correct value:
- Vcc(min) at Power-up, and then for a further delay of
tVCE
- Vss at Power-down
Usually a simple pull-up resistor on CE# can be used
to insure safe and proper Power-up and Power-down.
To avoid data corruption and inadvertent write
operations during power up, a Power On Reset (POR)
circuit is included. The logic inside the device is held
reset while Vcc is less than the POR threshold value
(Vwi) during power up, the device does not respond to
any instruction until a time delay of tPUW has elapsed
after the moment that Vcc rised above the VWI
threshold. However, the correct operation of the device
is not guaranteed if, by this time, Vcc is still below
Vcc(min). No Write Status Register, Program or Erase
instructions should be sent until the later of:
- tPUW after Vcc passed the VWI threshold
- tVCE after Vcc passed the Vcc(min) level
At Power-up, the device is in the following state:
- The device is in the Standby mode
- The Write Enable Latch (WEL) bit is reset
At Power-down, when Vcc drops from the operating
voltage, to below the Vwi, all write operations are
disabled
and the device does not respond to any write
instruction.
Chip Selection Not Allowed
All Write Commands are Rejected
tVCE
Read Access Allowed
Device fully accessible
tPUW
Vcc
Vcc(max)
Vcc(min)
Reset State
V (write inhibit)
Time
Symbol
Parameter
Min.
Max.
Unit
tVCE
*1
Vcc(min) to CE# Low
10
us
tPUW
*1
Power-Up time delay to Write instruction
1
10
ms
VWI
*1
Write Inhibit Voltage
2.1
V
Note : *1. These parameters are characterized only.
1.8
1.6


Similar Part No. - Pm25LD512-KCE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM25LD512 ETC2-PM25LD512 Datasheet
648Kb / 33P
   512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus
More results

Similar Description - Pm25LD512-KCE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM25LD010 ETC2-PM25LD010 Datasheet
648Kb / 33P
   512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus
IS25LD020-JNLE ETC2-IS25LD020-JNLE Datasheet
912Kb / 40P
   512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus Interface
IS25CD010 ETC2-IS25CD010 Datasheet
912Kb / 40P
   512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory
PM25LQ020 ETC-PM25LQ020 Datasheet
1Mb / 55P
   2 Mbit / 4 Mbit Single Operating Voltage Serial Flash Memory With 104 MHz Dual- or 100MHz Quad-Output SPI Bus Interface
2012, Rev: 05
logo
Integrated Silicon Solu...
IS25WD020 ISSI-IS25WD020 Datasheet
764Kb / 35P
   2 Mbit / 4 Mbit Single Operating Voltage Serial Flash Memory
logo
Numonyx B.V
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
   1 Mbit, serial Flash memory, 50 MHz SPI bus interface
logo
List of Unclassifed Man...
PM25LV020 ETC1-PM25LV020 Datasheet
628Kb / 36P
   512 Kbit /1 Mbit / 2 Mbit / 4 Mbit 3.0 Volt-onl Serial Flash Memory With 100 MHz SPI Bus Interface
logo
STMicroelectronics
M25P10-A STMICROELECTRONICS-M25P10-A Datasheet
589Kb / 41P
   1 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
M25P10 STMICROELECTRONICS-M25P10 Datasheet
162Kb / 21P
   1 Mbit Low Voltage Paged Flash Memory With 20 MHz Serial SPI Bus Interface
M25P10-A STMICROELECTRONICS-M25P10-A_06 Datasheet
392Kb / 49P
   1 Mbit, low voltage, Serial Flash memory with 50MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com