Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


LM195WD1 Datasheet(PDF) 5 Page - LG Semicon Co.,Ltd.

Part No. LM195WD1
Description  19.5 HD TFT LCD
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LG [LG Semicon Co.,Ltd.]
Homepage  
Logo 

 
 5 page
background image
Product Specification
LM195WD1
Liquid Crystal Display
Ver. 0.2
Feb. 04, 2013
5 / 31
2. Absolute maximum ratings
The following are maximum values which, if exceeded,
may cause faulty operation or damage to the unit.
Note : 1. Temperature and relative humidity range are shown in the figure below.
Wet bulb temperature should be 39 °C Max, and no condensation of water.
2. Maximum Storage Humidity is up to 40℃, 90% RH only for 4 corner light leakage Mura.
3. Storage condition is guaranteed under packing condition.
4. LCM Surface Temperature should be Min. 0℃ and Max. 65℃ under the VLCD=5.0V,
fV=60Hz, 25℃ ambient Temp. no humidity control and LED string current is typical value.
Table 1. Absolute maximum ratings
Parameter
Symbol
Values
Units
Notes
Min
Max
Power Supply Input Voltage
VLCD
-0.3
+6.0
Vdc
At 25℃
Operating Temperature
TOP
0
50
°
C
1,2,3
Storage Temperature
TST
-20
60
°
C
Operating Ambient Humidity
HOP
10
90
%RH
Storage Humidity
HST
10
90
%RH
LCM Surface Temperature
(Operation)
TSurface
0
65
1, 4
90%
10
20
30
40
50
60
70
80
0
-20
0
10
20
30
40
50
Dry Bulb Temperature [℃]
Wet Bulb
Temperature [℃]
Storage
Operation
10%
40%
60%
60
FIG. 2 Temperature and relative humidity




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl