Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH3503 Datasheet(PDF) 1 Page - NANJING AH ELECTRONICS CO., LTD

Part # AH3503
Description  Integrated circuit includes a voltage regulator, Hall-voltage generator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AHNJ [NANJING AH ELECTRONICS CO., LTD]
Direct Link  https://www.ahest.net/
Logo AHNJ - NANJING AH ELECTRONICS CO., LTD

AH3503 Datasheet(HTML) 1 Page - NANJING AH ELECTRONICS CO., LTD

  AH3503 Datasheet HTML 1Page - NANJING AH ELECTRONICS CO., LTD AH3503 Datasheet HTML 2Page - NANJING AH ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NANJING AH ELECTRONICS CO., LTD
AH3503 SERIES LINEAR HALL-EFFECT SENSOR
Integrated circuit includes a voltage regulator, Hall-voltage generator, linear amplifier and emitter-follower
out stage. The output of the Ics change linearity with the magnetic flux density of the input.
.
Velocity detecting of motor bicycle
.
Current detecting sensor
.
Proximity detector
.
Gear tooth sensors
. Motion detector
TYPICAL APPLICATION
. Low-Noise Output
. 4.5V to 6V Operation
. Magnetically Optimized Package
. Flat response to 23kHz
. Extremely Sensitive
FEATURES
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Supply voltage
Vcc
6
V
Magnetic flux density
B
不限
mT
Operating temperature range
TA
-20~+85
Storage temperature range
TS
150
ELECTRICAL CHARACTERISTICS
TA=25℃
1mT=10Gs
Limits
Characteristics
Symbol
Test
conditions
Min.
Typ.
Max.
Unit
Operating voltage
Vcc
4.5
-
6
V
Supply current
Icc
-
9
14
mA
Linearity range
-90
-
+90
mT
Quiescent output voltage
Vout
B=0
2.25
2.5
2.75
V
Sensitivity
S
B=±90mT
7..5
13..5
17..5
mV/mT
Output resistance
Ro
-
50
-
Ω
Note: All output-voltage measurement are made with a voltmeter having an input impedance of at lease 10KΩ.
FUNCTIONAL BLOCK DIAGRAM
1,Vcc
1
2
3
2,GND
3,Vo
REG
AH3503 LINEAR HALL
1


Similar Part No. - AH3503

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH350 ETC-AH350 Datasheet
180Kb / 6P
   Linear Hall-Effect Sensors
logo
NANJING AH ELECTRONICS ...
AH3505 AHNJ-AH3505 Datasheet
684Kb / 8P
   Linear Hall Sensor
AH3507 AHNJ-AH3507 Datasheet
692Kb / 8P
   Linear Hall Sensor
AH3509 AHNJ-AH3509 Datasheet
738Kb / 8P
   Linear Hall Sensor
More results

Similar Description - AH3503

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1271 NTE-NTE1271 Datasheet
60Kb / 3P
   Integrated Circuit Control Voltage Generator
NTE7092 NTE-NTE7092 Datasheet
24Kb / 3P
   Integrated Circuit Hybrid Voltage Regulator
NTE923 NTE-NTE923 Datasheet
28Kb / 3P
   Integrated Circuit Precision Voltage Regulator
NTE1894 NTE-NTE1894 Datasheet
22Kb / 1P
   Integrated Circuit Hybrid Switching Voltage Regulator
NTE15012 NTE-NTE15012 Datasheet
20Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE7078 NTE-NTE7078 Datasheet
21Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
NTE7079 NTE-NTE7079 Datasheet
21Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
NTE1796 NTE-NTE1796 Datasheet
24Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
NTE1895 NTE-NTE1895 Datasheet
24Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
NTE1896 NTE-NTE1896 Datasheet
24Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com