Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUU50N03-10P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SUU50N03-10P
Description  N-Channel 30-V 175C MOSFET PWM Optimized
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUU50N03-10P Datasheet(HTML) 2 Page - Vishay Siliconix

  SUU50N03-10P Datasheet HTML 1Page - Vishay Siliconix SUU50N03-10P Datasheet HTML 2Page - Vishay Siliconix SUU50N03-10P Datasheet HTML 3Page - Vishay Siliconix SUU50N03-10P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUU50N03-10P
Vishay Siliconix
www.vishay.com
2
Document Number: 71296
S-01706—Rev. A, 14-Aug-00
MOSFET SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS =0 V, ID = 250 mA
30
V
Gate Threshold Voltage
VGS(th)
VDS =VGS,IDS = 250 mA
1
2
V
Gate-Body Leakage
IGSS
VDS =0 V, VGS =
20 V
100
nA
VDS =30 V, VGS =0 V
1
Zero Gate Voltage Drain Current
IDSS
VDS =30 V, VGS =0 V, TJ = 125_C
50
g
DSS
VDS =30 V, VGS =0 V, TJ = 175_C
150
m
On-State Drain Currenta
ID(on)
VDS =5 V, VGS =10 V
50
A
VGS =10 V,ID =15 A
0.0075
0.010
Drain Source On State Resistancea
rDS( )
VGS =10 V,ID =15 A, TJ = 125_C
0.016
Drain-Source On-State Resistancea
rDS(on)
VGS =10 V,ID =15 A, TJ = 175_C
0.019
VGS =4.5 V, ID =15 A
0.011
0.014
Forward Transconductancea
gfs
VDS =15 V,ID =15 A
20
S
Dynamicb
Input Capacitance
Ciss
2710
6000
Output Capacitance
Coss
VGS =0 V, VDS = 25V,f= 1MHz
500
pF
Reversen Transfer Capacitance
Crss
250
Total Gate Chargec
Qg
55
100
Gate-Source Chargec
Qgs
VDS =15 V, VGS =10 V,ID =20 A
10
nC
Gate-Drain Chargec
Qgd
DS
, GS
, D
9
Turn-On Delay Timec
td(on)
16
30
Rise Timec
tr
VDD =15 V,RL =0.3 Ω
90
135
ns
Turn-Off Delay Timec
td(off)
VDD
15 V, RL
0.3
ID
≃ 20 A, VGEN =10 V,Rg =2.5 Ω
33
60
ns
Fall Timec
tf
g
20
40
Source-Drain Diode Ratings and Characteristics (TC =25_C)b
Continuous Current
IS
20
A
Pulsed Current
ISM
100
A
Forward Voltagea
VSD
IF = 100 A, VGS =0 V
1.2
1.5
V
Reverse Recovery Time
trr
IF = 20 A, di/dt = 100 A/ms
55
100
ns
Notes:
a.
Pulse test; pulse width
≤ 300 ms, duty cycle ≤ 2%.
b.
Guaranteed by design, not subject to production testing.
c.
Independent of operating temperature.


Similar Part No. - SUU50N03-10P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SUU50N03-10P VBSEMI-SUU50N03-10P Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SUU50N03-10P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP70N03-09BP VISHAY-SUP70N03-09BP Datasheet
48Kb / 5P
   N-Channel 30-V (D-S), 175C, MOSFET PWM Optimized
Rev. B, 11-Mar-02
SUY50N03-10CP VISHAY-SUY50N03-10CP Datasheet
53Kb / 5P
   N-Channel 30-V (D-S), 175C, MOSFET PWM Optimized
Rev. A, 21-Jan-02
SUD50N03-07AP VISHAY-SUD50N03-07AP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. C, 16-Jun-03
SUM85N03-06P VISHAY-SUM85N03-06P Datasheet
89Kb / 6P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 08-Dec-03
SUP75N03-04 VISHAY-SUP75N03-04 Datasheet
41Kb / 4P
   N-Channel 30-V (D-S), 175C MOSFET
Rev. E, 18-Jun-01
SUP75N03-07 VISHAY-SUP75N03-07 Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. D, 27-Mar-00
SUD50N03-10AP VISHAY-SUD50N03-10AP Datasheet
80Kb / 4P
   N-Channel 30-V (D-S), 175C, MOSFET PWM Optimized
Rev. A, 10-Jan-00
SUP45N03-13L VISHAY-SUP45N03-13L Datasheet
42Kb / 4P
   N-Channel 30-V (D-S), 175C MOSFET
Rev. F, 29-Oct-01
SUM40N03-30L VISHAY-SUM40N03-30L Datasheet
62Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. A, 24-Jan-05
SUD70N03-04P VISHAY-SUD70N03-04P Datasheet
59Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 03-May-04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com