Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-315G-KG300 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HDSP-315G-KG300
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-315G-KG300 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HDSP-315G-KG300 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-315G-KG300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-315G-KG300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-315G-KG300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-315G-KG300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-315G-KG300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-315G-KG300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-315G-KG300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-315G-KG300 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
HER, Yellow, and Green
Figure 4. Maximum Tolerable Peak
Current vs. Pulse Duration – HER.
tp – PULSE DURATION – µs
10
1
100
10
10000
1000
100
1
OPERATION IN THIS
REGION REQUIRES
TEMPERATURE
DERATING OF IDC
MAXIMUM
DC OPERATION
100
Hz
tp – PULSE DURATION – µs
10
1
100
10
10000
1000
100
1
OPERATION IN THIS
REGION REQUIRES
TEMPERATURE
DERATING OF IDC
MAXIMUM
DC OPERATION
100
Hz
Figure 5. Maximum Tolerable Peak
Current vs. Pulse Duration – Yellow.
Figure 8. Forward Current vs.
Forward Voltage Characteristics.
Figure 9. Relative Luminous Intensity
vs. DC Forward Current.
0
100
80
60
40
20
2.0
4.0
3.0
1.0
VF – FORWARD VOLTAGE – V
05.0
YELLOW
HER
GREEN
15
0
10
8
6
4
2
20
530
10
25
12
IF – FORWARD CURRENT PER SEGMENT – mA
0
YELLOW
GREEN
HER
tp – PULSE DURATION – µs
10
1
100
10
10000
1000
100
1
OPERATION IN THIS
REGION REQUIRES
TEMPERATURE
DERATING OF IDC
MAXIMUM
DC OPERATION
Figure 6. Allowable Peak Current vs.
Pulse Duration – Green.
Figure 7. Maximum Allowable DC
Current per Segment as a Function of
Ambient Temperature.
40
0
5
10
15
20
25
30
35
20
100
90
80
70
60
50
40
30
TA – AMBIENT TEMPERATURE – °C
120
110
50
45
HER
YELLOW
GREEN
R
θ
= 770°C/W
J-A


Similar Part No. - HDSP-315G-KG300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315G AVAGO-HDSP-315G Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315G HP-HDSP-315G Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315G AVAGO-HDSP-315G Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
More results

Similar Description - HDSP-315G-KG300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-301E AVAGO-HDSP-301E_07 Datasheet
176Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301 HP-HDSP-301 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315H AVAGO-HDSP-315H_11 Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com