Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSPESD304G Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CSPESD304G
Description  The CSPESD304 is a quad ESD transient voltage supression diode array.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPESD304G Datasheet(HTML) 5 Page - California Micro Devices Corp

  CSPESD304G Datasheet HTML 1Page - California Micro Devices Corp CSPESD304G Datasheet HTML 2Page - California Micro Devices Corp CSPESD304G Datasheet HTML 3Page - California Micro Devices Corp CSPESD304G Datasheet HTML 4Page - California Micro Devices Corp CSPESD304G Datasheet HTML 5Page - California Micro Devices Corp CSPESD304G Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
10/10/03
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846
L www.calmicro.com
5
CSPESD304
Application Information
Refer to Application Note AP-217, "The Chip Scale
Package", for a detailed description of Chip Scale
Packages offered by California Micro Devices.
Figure 3. Recommended Non-Solder Mask Defined Pad Illustration
Figure 4. Eutectic (SnPb) Solder
Ball Reflow Profile
Figure 5. Lead-free (SnAgCu) Solder
Ball Reflow Profile
PRINTED CIRCUIT BOARD RECOMMENDATIONS
PARAMETER
VALUE
Pad Size on PCB
0.275mm
Pad Shape
Round
Pad Definition
Non-Solder Mask defined pads
Solder Mask Opening
0.325mm Round
Solder Stencil Thickness
0.125 - 0.150mm
Solder Stencil Aperture Opening (laser cut, 5% tapered walls)
0.330mm Round
Solder Flux Ratio
50/50 by volume
Solder Paste Type
No Clean
Pad Protective Finish
OSP (Entek Cu Plus 106A)
Tolerance — Edge To Corner Ball
+50
µm
Solder Ball Side Coplanarity
+20
µm
Maximum Dwell Time Above Liquidous
60 seconds
Soldering Maximum Temperature
260°C
Solder Mask Opening
0.325mm DIA.
Non-Solder Mask Defined Pad
0.275mm DIA.
Solder Stencil Opening
0.330mm DIA.
200
250
150
100
50
0
1:00.0
2:00.0
3:00.0
4:00.0
Time (minutes)


Similar Part No. - CSPESD304G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CSPESD304 ONSEMI-CSPESD304 Datasheet
249Kb / 5P
   4-Channel ESD Array in CSP
May, 2011 ??Rev. 3
More results

Similar Description - CSPESD304G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP3112UPMU ONSEMI-NUP3112UPMU Datasheet
141Kb / 3P
   Quad Transient Voltage Suppressor Array
June, 2008??Rev. 0
NUP4212UPMU ONSEMI-NUP4212UPMU Datasheet
145Kb / 4P
   Quad Transient Voltage Suppressor Array
August, 2009??Rev. 1
NUP4012PXV6 ONSEMI-NUP4012PXV6 Datasheet
140Kb / 4P
   Quad Transient Voltage Suppressor Array
August, 2009??Rev. 1
NUP4012PMU ONSEMI-NUP4012PMU Datasheet
140Kb / 3P
   Quad Transient Voltage Suppressor Array
November, 2008??Rev. 1
NUP3112UPMU ONSEMI-NUP3112UPMU_14 Datasheet
76Kb / 4P
   Quad Transient Voltage Suppressor Array
April, 2014??Rev. 1
logo
Guangdong Youtai Semico...
ESD9N12BA UMW-ESD9N12BA Datasheet
598Kb / 5P
   The ESD9N12BA is a TVS (Transient Voltage Suppressor)
logo
FutureWafer Tech Co.,Lt...
FMS05C-130PF FUTUREWAFER-FMS05C-130PF Datasheet
1Mb / 5P
   Transient Voltage Suppressor For ESD array
FMS05C FUTUREWAFER-FMS05C Datasheet
1Mb / 5P
   Transient Voltage Suppressor For ESD array
logo
AMAZING Microelectronic...
AZ2015-02S AMAZING-AZ2015-02S Datasheet
206Kb / 8P
   Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2115-04SN1 AMAZING-AZ2115-04SN1 Datasheet
149Kb / 7P
   Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com