Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCS8104 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCS8104
Description  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8104 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCS8104 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8104 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8104 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8104 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8104 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8104 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8104 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TPCS8104
2002-04-05
2
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2a)
Rth (ch-a)
114
°C/W
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2b)
Rth (ch-a)
208
°C/W
Marking (Note 5)
Note 1: Please use devices on condition that the channel temperature is below 150°C.
Note 2:
(a) Device mounted on a glass-epoxy board (a)
(b) Device mounted on a glass-epoxy board (b)
Note 3: VDD = −24 V, Tch = 25°C (initial), L = 0.2 mH, RG = 25 Ω, IAR = −11 A
Note 4: Repetitive rating: pulse width limited by maximum channel temperature
Note 5: ○ on lower right of the marking indicates Pin 1.
※ shows lot number. (year of manufacture: last decimal digit of the year of manufacture, month of
manufacture: January to December are denoted by letters A to L respectively.)
(b)
FR-4
25.4
× 25.4 × 0.8
(unit: mm)
(a)
FR-4
25.4
× 25.4 × 0.8
(unit: mm)
Type
S8104


Similar Part No. - TPCS8104

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8104 TOSHIBA-TPCS8104 Datasheet
248Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8104 TOSHIBA-TPCS8104 Datasheet
233Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8104 TOSHIBA-TPCS8104_07 Datasheet
248Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8104 TOSHIBA-TPCS8104_09 Datasheet
233Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results

Similar Description - TPCS8104

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J02F TOSHIBA-SSM3J02F Datasheet
164Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J35MFV TOSHIBA-SSM3J35MFV Datasheet
256Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM6P49NU TOSHIBA-SSM6P49NU Datasheet
192Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J02T TOSHIBA-SSM3J02T Datasheet
147Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J01T TOSHIBA-SSM3J01T Datasheet
169Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM5P05FU TOSHIBA-SSM5P05FU Datasheet
144Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM6J401TU TOSHIBA-SSM6J401TU Datasheet
224Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM3J117TU TOSHIBA-SSM3J117TU_V01 Datasheet
395Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
2015/01/20
2SJ610 TOSHIBA-2SJ610_09 Datasheet
190Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type
SSM6J207FE TOSHIBA-SSM6J207FE_14 Datasheet
211Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com