Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16818 Datasheet(PDF) 3 Page - NEC

Part # UPD16818
Description  MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16818 Datasheet(HTML) 3 Page - NEC

  UPD16818 Datasheet HTML 1Page - NEC UPD16818 Datasheet HTML 2Page - NEC UPD16818 Datasheet HTML 3Page - NEC UPD16818 Datasheet HTML 4Page - NEC UPD16818 Datasheet HTML 5Page - NEC UPD16818 Datasheet HTML 6Page - NEC UPD16818 Datasheet HTML 7Page - NEC UPD16818 Datasheet HTML 8Page - NEC UPD16818 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
µPD16818
3
Data Sheet S11365EJ2V1DS
ELECTRICAL SPECIFICATIONS (Within recommended operating conditions unless otherwise specified)
VDD = VM = 2.7 V to 3.6 V
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
OFF VM pin current
IM
INC pin low
1.0
µA
VM = VDD = 3.6 V
VDD pin current
IDD
Note 1
0.4
1.0
mA
High-level input current
IIH1
TA = 25
°C, VIN = VDD
1.0
µA
(IN1, IN2, INC)
0
≤ TA ≤ 60 °C, VIN = VDD
2.0
Low-level input current
IIL1
TA = 25
°C, VIN = 0
–0.09
mA
(IN1, IN2, INC)
0
≤ TA ≤ 60 °C, VIN = 0
–0.12
PS pin high-level input current
IIH2
TA = 25
°C, VIN = VDD
0.09
mA
0
≤ TA ≤ 60 °C, VIN = VDD
0.12
PS pin low-level input voltage
IIL2
TA = 25
°C, VIN = 0
–1.0
µA
0
≤ TA ≤ 60 °C, VIN = 0
–2.0
Input pull-up resistance
RINU
TA = 25
°C
355065
k
(IN1, IN2, INC)
0
≤ TA ≤ 60 °C25
75
PS pin input pull-down resistance
RIND
TA = 25
°C
355065
k
0
≤ TA ≤ 60 °C25
75
Control pin high-level input voltage
VIH
2.0
VDD + 0.3
V
Control pin low-level input voltage
VIL
–0.3
0.8
V
H bridge ON resistanceNote 2
RON1
VDD = VM = 3 V
1.2
2.4
RON relative accuracy
∆RON
Excitation direction <1>, <3>
±15
%
Excitation direction <2>, <4>Note 3
±5
Vx voltage in power-saving
VX
VDD = VM = 3 V
1.0
1.2
1.4
V
modeNote 4
RX = 270 k
Vx relative accuracy in power-
∆VX
Excitation direction <1>, <3>
±5%
saving mode
Excitation direction <2>, <4>
±5
Charge pump circuit turn ON time
tONG
VDD = VM = 3 V
0.3
2.0
ms
H bridge turn ON time
tONH
C1 = C2 = C3 = 10nF
2.0
µs
H bridge turn OFF time
tOFFH
RM = 20
5.0
µs
Notes 1. When IN1 = IN2 = INC = “H”, PS = “L”
2. Sum of ON resistances of top and bottom MOS FETs
3. For the excitation direction, refer to FUNCTION TABLE.
4. Vx is a voltage at point A (FORWARD) or B (REVERSE) of the H bridge in FUNCTION TABLE.


Similar Part No. - UPD16818

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16818 RENESAS-UPD16818 Datasheet
252Kb / 17P
   MOS INTEGRATED CIRCUIT
1997
UPD16818GS RENESAS-UPD16818GS Datasheet
252Kb / 17P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD16818

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16803 NEC-UPD16803 Datasheet
97Kb / 12P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16814 RENESAS-PD16814_15 Datasheet
199Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16818 RENESAS-PD16818_15 Datasheet
253Kb / 17P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
NEC
UPD16808 NEC-UPD16808 Datasheet
96Kb / 12P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16813 NEC-UPD16813 Datasheet
68Kb / 8P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16814 NEC-UPD16814 Datasheet
94Kb / 12P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16813 RENESAS-PD16813_15 Datasheet
244Kb / 10P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
NEC
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com