Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1088L Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1088L
Description  Low-Cost Fixed-Frequency EconOscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1088L Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1088L Datasheet HTML 1Page - Dallas Semiconductor DS1088L Datasheet HTML 2Page - Dallas Semiconductor DS1088L Datasheet HTML 3Page - Dallas Semiconductor DS1088L Datasheet HTML 4Page - Dallas Semiconductor DS1088L Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low-Cost Fixed-Frequency EconOscillator™
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -20°C to +85°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
2.7
3.6
V
High-Level Input Voltage (
PDN)VIH
0.7 x VCC
VCC + 0.3
V
Low-Level Input Voltage (
PDN)VIL
-0.3
0.3 x VCC
V
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 3.6V, TA = -20°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
High-Level Output Voltage (OUT)
VOH
IOH = -4mA, VCC = min
VCC - 0.4
V
Low-Level Output Voltage (OUT)
VOL
IOL = 4mA
0.4
V
High-Level Input Current (
PDN)IIH
VCC = 3.6V
1
µA
Low-Level Input Current (
PDN)IIL
VIL = 0
-1
µA
Supply Current (Active)
ICC
VCC = 3.6V, CL = 15pF, f0 = 133MHz
15
24
mA
Standby Current (Power-Down)
ICCQ
Power-down mode
10
µA
Voltage Range on VCC Relative to Ground ..........-0.5V to +6.0V
Voltage Range on
PDN Relative
to Ground* ..............................................-0.5V to (VCC + 0.5V)
Operating Temperature Range ...........................-20°C to +85°C
Storage Temperature Range ............................-55°C to +125°C
Soldering Temperature ....................See IPC/JEDEC J-STD-020
*Not to exceed +6.0V.


Similar Part No. - DS1088L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1088L MAXIM-DS1088L Datasheet
1Mb / 8P
   Fixed-Frequency EconOscillator™
Rev 2; 1/12
DS1088L MAXIM-DS1088L Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
DS1088LU-02++ MAXIM-DS1088LU-02+ Datasheet
1Mb / 8P
   Fixed-Frequency EconOscillator™
Rev 2; 1/12
DS1088LU-02++ MAXIM-DS1088LU-02+ Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
DS1088LU-10++ MAXIM-DS1088LU-10+ Datasheet
1Mb / 8P
   Fixed-Frequency EconOscillator™
Rev 2; 1/12
More results

Similar Description - DS1088L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
DS1088L MAXIM-DS1088L_12 Datasheet
1Mb / 8P
   Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Dallas Semiconductor
DS1099 DALLAS-DS1099 Datasheet
78Kb / 6P
   Low-Frequency Dual EconOscillator
logo
Maxim Integrated Produc...
DS1099 MAXIM-DS1099_V01 Datasheet
413Kb / 7P
   Low-Frequency Dual EconOscillator
19-7629; Rev 2; 5/15
DS1099 MAXIM-DS1099 Datasheet
119Kb / 6P
   Low-Frequency Dual EconOscillator
Rev 1; 9/07
DS1090 MAXIM-DS1090_07 Datasheet
202Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 1; 2/07
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
logo
Dallas Semiconductor
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
   EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1090 MAXIM-DS1090 Datasheet
998Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 0; 4/04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com