Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SVR405664R0000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1SVR405664R0000
Description  Accessories for pluggable interface relays CR-U Pluggable function modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1SVR405664R0000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1SVR405664R0000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1SVR405664R0000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
CR-U xx
CM-U 21
CM-U 41
CM-U 41V
CM-U 51B
CM-U 51C
CM-U 61
CM-U 61V
CM-U 91
CM-U 91V
CM-U 61C
CM-U 61CV
CM-U 91C
CM-U 91CV
CM-U 71
CM-U 71A
CM-U 81
Accessories for pluggable interface relays CR-U
Pluggable function modules
Data sheet
Features
½ Pluggable function modules for mounting on standard sockets for interface relays CR-U
½ Function modules: Reverse polarity protection, LED indication, RC element, overvoltage protection
Approvals
,
Marks
Ordering data
Type
Version
Order code
Sockets
CR-U 21
Rev. polarity protection, 6-230 V DC, A1+, A2-
1SVR 405 661 R0000
CR-U 41
Diode and LED red, 6-24 V DC, A1+, A2-
1SVR 405 662 R0000
CR-U 41V
Diode and LED green, 6-24 V DC, A1+, A2-
1SVR 405 662 R1000
CR-U 51B
RC element, 6-24 V AC
1SVR 405 663 R0000
CR-U 51C
RC element, 110-240 V AC
1SVR 405 663 R1000
CR-U 61
LED red, 6-24 V AC/DC
1SVR 405 664 R0000
CR-U 61V
LED green, 6-24 V AC/DC
1SVR 405 664 R1000
CR-U 91
LED red, 110-230 V AC/DC
1SVR 405 664 R0100
CR-U 91V
LED green, 110-230 V AC/DC
1SVR 405 664 R1100
CR-U 61C
Varistor and LED red, 6-24 V AC/DC
1SVR 405 665 R0000
CR-U 61CV
Varistor and LED green, 6-24 V AC/DC
1SVR 405 665 R1000
CR-U 91C
Varistor and LED red, 110-230 V AC/DC
1SVR 405 665 R0100
CR-U 91CV
Varistor and LED green, 110-230 V AC/DC
1SVR 405 665 R1100
CR-U 71
Varistor without LED, 24 V AC
1SVR 405 666 R0000
CR-U 71A
Varistor without LED, 115 V AC
1SVR 405 666 R1000
CR-U 81
Varistor without LED, 230 V AC
1SVR 405 666 R2000
Packing unit = 10 pieces.
Relays and sockets see separate data sheets.
Position of connection terminals
Accessories
Relays:
see data sheet 2CDC 117 003 D02xx
Sockets:
see data sheet 2CDC 117 006 D02xx


Similar Part No. - 1SVR405664R0000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1SVR430029R0100 ETC2-1SVR430029R0100 Datasheet
2Mb / 18P
   Voltage monitoring relay CM-EFS.2 For single-phase AC/DC voltages
More results

Similar Description - 1SVR405664R0000

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
704-3004 WAGO-704-3004 Datasheet
300Kb / 5P
   Interface module for system wiring; for 232 Series Pluggable Connectors
23.11.2021
704-3003 WAGO-704-3003 Datasheet
290Kb / 4P
   Interface module for system wiring; for 232 Series Pluggable Connectors
23.11.2021
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
WAGO Kontakttechnik Gmb...
289-401 WAGO-289-401 Datasheet
274Kb / 5P
   Interface module; Pluggable connector per DIN 41651
289-402 WAGO-289-402 Datasheet
274Kb / 5P
   Interface module; Pluggable connector per DIN 41651
logo
DB Lectro Inc
291 DBLECTRO-291 Datasheet
310Kb / 1P
   PLUGGABLE SERIES
logo
WAGO Kontakttechnik Gmb...
704-9014 WAGO-704-9014 Datasheet
346Kb / 3P
   Interface module for system wiring; Pluggable connector per DIN 41651
23.11.2021
704-2224 WAGO-704-2224 Datasheet
307Kb / 6P
   Interface module for system wiring; Pluggable connector per DIN 41651
23.11.2021
704-2063 WAGO-704-2063 Datasheet
353Kb / 5P
   Interface module for system wiring; Pluggable connector per DIN 41651
23.11.2021
704-5034 WAGO-704-5034 Datasheet
406Kb / 7P
   Interface module for system wiring; Pluggable connector per DIN 41651
22.11.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com