Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL-515 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FL-515
Description  1550 nm LASER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FL-515 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FL-515 Datasheet HTML 1Page - List of Unclassifed Manufacturers FL-515 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Optoway
FL-5100S
********************************************************************************************************************************************************
********************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2/1/2004 V1.0
1550 nm LASER DIODES
FL-5100S SERIES
2.5 Gbps UNCOOLED MQW-FP LASER DIODES
*******************************************************************************************************************************************************
FEATURES
² 1550 nm typical emission wavelength
² High reliability, long operation life
² Build-in InGaAs monitor
² Complies with Bellcore TA-NWT-000983
² Up to 2.5 Gb/s Operation
² Flat Window Cap Package (FL-510XS)
² Ball Lens Cap Package (FL-511XS)
² Aspherical Lens Cap Package (FL-512XS)
²
APPLICATION
Optical communication system
DESCRIPTION
FL-5100S series are MQW-FP laser diodes that provide a durable, single transverse mode oscillation
with emission wavelength of 1550 nm.
FL-5100 series are hermetically sealed devices with the build-in
photodiode for output monitoring.
ELECTRICAL AND OPTICAL CHARACTERISTICS
(TC=25 °C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ith
Threshold Current
CW
12
15
mA
VOP
Operating Voltage
CW, Po=5mW
1.2
1.5
V
η
Slope Efficiency
Part No.: FL-510XS
FL-511XS
FL-512XS
CW, Po=5mW
0.2
0.15
0.15
0.25
0.2
0.2
mW/mA
λc
Center Wavelength
CW, Po=5mW
1520
1550
1580
nm
Δλ
Spectral Width
CW, Po=5mW, RMS (σ)
3
nm
θ
Beam Divergence
(Parallel)
CW, Po=5mW,Flat Window
20
deg.
θ⊥
Beam Divergence
(Perpendicular) CW, Po=5mW,Flat Window
35
deg.
t r, t f
Rise And Fall Times
IF=Ith, Po=5mW, 20~ 80%
150
ps
Im
PD Monitor Current
CW, Po=5mW,VRD=1V
100
μA
ID
PD Dark Current
VRD=5V
0.1
μA
Ct
PD Capacitance
V
RD=5V, f=1MHz
10
15
pF
Pf
Fiber Coupled Power
Part No.: FL-511XS
FL-512XS
CW, Ith+20mA , SM fiber
0.4
1.5
0.6
mW


Similar Part No. - FL-515

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
FL-5100 OPTOWAY-FL-5100 Datasheet
113Kb / 2P
   1550 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
FL-5100S OPTOWAY-FL-5100S Datasheet
113Kb / 2P
   1550 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
FL-5105 OPTOWAY-FL-5105 Datasheet
113Kb / 2P
   1550 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
FL-5105S OPTOWAY-FL-5105S Datasheet
113Kb / 2P
   1550 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
FL-5108 OPTOWAY-FL-5108 Datasheet
113Kb / 2P
   1550 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
More results

Similar Description - FL-515

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL-5100S ETC1-DL-5100S Datasheet
106Kb / 2P
   1550 nm DFB LASER DIODES
logo
Optoway Technology Inc
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
FL-5100 OPTOWAY-FL-5100 Datasheet
113Kb / 2P
   1550 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
DL-5100 OPTOWAY-DL-5100 Datasheet
112Kb / 2P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Emcore Corporation
1751A EMCORE-1751A Datasheet
658Kb / 6P
   1550 nm DWDM DFB Laser Module
G1033-035 EMCORE-G1033-035 Datasheet
410Kb / 3P
   1550 nm GPON Laser Diode Chip
1751A EMCORE-1751A_13 Datasheet
658Kb / 6P
   1751A 1550 nm DWDM DFB Laser Module
logo
Optoway Technology Inc
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0_07 Datasheet
119Kb / 3P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5100-1650 OPTOWAY-DL-5100-1650_07 Datasheet
113Kb / 3P
   1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com