Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA41W12SAT Datasheet(PDF) 6 Page - Rohm

Part # BA41W12SAT
Description  Dual output voltage regulator with power saving
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA41W12SAT Datasheet(HTML) 6 Page - Rohm

  BA41W12SAT Datasheet HTML 1Page - Rohm BA41W12SAT Datasheet HTML 2Page - Rohm BA41W12SAT Datasheet HTML 3Page - Rohm BA41W12SAT Datasheet HTML 4Page - Rohm BA41W12SAT Datasheet HTML 5Page - Rohm BA41W12SAT Datasheet HTML 6Page - Rohm BA41W12SAT Datasheet HTML 7Page - Rohm BA41W12SAT Datasheet HTML 8Page - Rohm BA41W12SAT Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BA41W12SAT
Regulator ICs
0.33
µ
2.0V
0.8V
22
µ
OUT1
OUT2
GND
CTL
VCC
22
µ
VCC=13V
+
+
V
Fig.6 Circuit for measuring mode switching voltage
V
OUT1
OUT2
GND
CTL
VCC
0.33
µ
5V
22
µ
22
µ
+
+
Fig.7 Circuit for measuring input high level current
VCC
=13V
A
Application circuit
Vcc
CTL
GND
OUTPUT1
OUTPUT2
0.33
µ
22
µ
22
µ
5V
+
+
Fig.8


Similar Part No. - BA41W12SAT

ManufacturerPart #DatasheetDescription
logo
Rohm
BA41W12ST ROHM-BA41W12ST Datasheet
120Kb / 9P
   Dual output voltage regulator with power saving
More results

Similar Description - BA41W12SAT

ManufacturerPart #DatasheetDescription
logo
Rohm
BA41W12ST ROHM-BA41W12ST Datasheet
120Kb / 9P
   Dual output voltage regulator with power saving
BA44W12SAT ROHM-BA44W12SAT Datasheet
109Kb / 9P
   Dual output voltage regulator with power saving
BA51W12ST ROHM-BA51W12ST Datasheet
126Kb / 10P
   Dual output voltage regulator with power saving
BA61W12ST ROHM-BA61W12ST Datasheet
121Kb / 9P
   Dual output voltage regulator with power saving
BA51W12SAT ROHM-BA51W12SAT Datasheet
110Kb / 9P
   Dual output voltage regulator with power saving
logo
Interpion semiconductor
IP1523 INTERPION-IP1523 Datasheet
140Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1525 INTERPION-IP1525 Datasheet
219Kb / 11P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1521 INTERPION-IP1521 Datasheet
353Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1520 INTERPION-IP1520 Datasheet
350Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com