Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS91L1001BU10F100I Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AS91L1001BU10F100I
Description  The AS91L1006BU is a one to 6-port JTAG gateway
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS91L1001BU10F100I Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AS91L1001BU10F100I Datasheet HTML 1Page - List of Unclassifed Manufacturers AS91L1001BU10F100I Datasheet HTML 2Page - List of Unclassifed Manufacturers AS91L1001BU10F100I Datasheet HTML 3Page - List of Unclassifed Manufacturers AS91L1001BU10F100I Datasheet HTML 4Page - List of Unclassifed Manufacturers AS91L1001BU10F100I Datasheet HTML 5Page - List of Unclassifed Manufacturers AS91L1001BU10F100I Datasheet HTML 6Page - List of Unclassifed Manufacturers AS91L1001BU10F100I Datasheet HTML 7Page - List of Unclassifed Manufacturers AS91L1001BU10F100I Datasheet HTML 8Page - List of Unclassifed Manufacturers AS91L1001BU10F100I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
July 2004
AS91L1006BU
AS91L1006BU Gateway Functional Description
The basic structure of the AS91L1006BU
device is shown in Figure-1. The core of the device
is the 16-state IEEE1149.1 TAP controller state
machine. All accesses to the internal registers of
the AS91L1006BU device are controlled via this
state machine during normal operation as per the
IEEE1149.1 standard. The address selection logic
enables the AS91L1006BU to operate in a Multi-
Drop environment within system backplane.
The address selection logic compares the
scanned
address
to
the
slot
address
value
presented on the I/O of the AS91L1006BU device.
The
LSP
park/unpark
logic
provides
control
through
instructions
scanned
in
under
the
IEEE1149.1 protocol, to select, which LSP will be
placed into the active, scan chain. The pass-
through and LSP connection logic selects the
signal paths for the LSP IEEE1149.1 signals. The
device also supports a Pass-Through mode which
enables the primary IEEE1149.1 signals to be
routed to any of the LSPs. This signal routing is
selectable via I/O pins on the AS91L1006BU
device.
Figure-2 shows the device selection state
machine. The AS91L1006BU will perform an
address compare on the slot address presented
at its I/O and the value scanned in via the
IEEE1149.1. If the value matches then the
AS91L1006BU becomes selected and is ready for
normal access via IEEE1149.1 commands. If the
address does not match then the device will
proceed to the unselected mode, where it will
remain until the AS91L1006BU is issued a
GOTOWAIT instruction or a reset occurs via
TRST or the LSP_RESET pin.
Selected Single
Device
Device
Unselected
Select Group
of Devices
Select All
Devices
Wait for
Selection
Parked-TLR
Parked-RTI
Parked-
PauseIR
UnParked
Parked-
PauseDR
Figure 2 - AS91L1006BU
Selection Logic State machine
Figure 3 - The LSP
Park/Unpark State Machine
The LSP Park/Unpark State Machine controls the insertion of the LSPs into the current active scan
chain. The ability to park the LSP in certain IEEE1149.1 states, enable the AS91L1006BU to perform
several functions including backplane interconnect testing and IC BIST.
www.alsc.com
Alliance Semiconductor
2
2003, 2004 © Copyright Alliance Semiconductor Corporation. All Rights reserved.


Similar Part No. - AS91L1001BU10F100I

ManufacturerPart #DatasheetDescription
logo
QuWireless
AS915 QUWIRELESS-AS915 Datasheet
1Mb / 4P
   Directional 915MHz LoRa outdoor antenna
AS915XR QUWIRELESS-AS915XR Datasheet
1Mb / 4P
   Directional 915MHz LoRa outdoor antenna
More results

Similar Description - AS91L1001BU10F100I

ManufacturerPart #DatasheetDescription
logo
Level One
VOI-8001 LVL1-VOI-8001 Datasheet
134Kb / 2P
   The LevelOne VOI-8001 is a cost-effective VoIP telephone gateway
logo
STMicroelectronics
ST20-JPI STMICROELECTRONICS-ST20-JPI Datasheet
78Kb / 10P
   PC PARALLEL PORT TO JTAG INTERFACE
logo
Altera Corporation
EP3C5E144C8N ALTERA-EP3C5E144C8N Datasheet
6Mb / 348P
   Ability to disable external JTAG port
logo
THOR communications
H-1ASI-IP THOR-H-1ASI-IP Datasheet
709Kb / 1P
   The H-1ASI-IP is a video gateway for DVB-IP systems
logo
RF Monolithics, Inc
RO2101E RFM-RO2101E Datasheet
134Kb / 2P
   The RO2101E is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount, ceramic case.
logo
Surge Components
2N2222 SURGE-2N2222 Datasheet
521Kb / 3P
   the transistor is subdivded into one group
logo
List of Unclassifed Man...
ADAM-4572 ETC2-ADAM-4572 Datasheet
185Kb / 1P
   1-port Modbus짰 to Ethernet Data Gateway
logo
Micrel Semiconductor
KS8695PX MICREL-KS8695PX Datasheet
206Kb / 2P
   MULTI-PORT SINGLE PCI GATEWAY-ON-A-CHIP
logo
Littelfuse
SPUSB1 LITTELFUSE-SPUSB1 Datasheet
97Kb / 3P
   The Littelfuse SPUSB1 Series is a multifunctional USB port protection
logo
Advantech Co., Ltd.
ADAM-4572 ADVANTECH-ADAM-4572 Datasheet
352Kb / 1P
   1-port Modbus Gateway
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com