Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPSD16MX16TY5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DPSD16MX16TY5
Description  256 Megabit Synchronous DRAM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DPSD16MX16TY5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DPSD16MX16TY5 Datasheet HTML 1Page - List of Unclassifed Manufacturers DPSD16MX16TY5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DPSD16MX16TY5
M-Densus
Dense-Pac Microsystems, Inc.
ADVANCED INFORMATION
MECHANICAL DRAWING
Dense-Pac Microsystems, Inc.
7321 Lincoln Way, Garden Grove, California 92841-1431
(714) 898-0007
(800) 642-4477
FAX: (714) 897-1772
http://www.dense-pac.com
PART NUMBER DESCRIPTION
NOTES: [1] Available in Industrial Temperature Ranges Only. See Note 4.
[2] Available in Commercial Temperature Range Only.
[3] Contact your sales representative for supplier and manufacturer codes.
[4] Delivery of all industrial temperature ranges are subject to availability of screened components.
Standard TSOP Pad Layout is acceptable. When
possible, use the Dense-Pac recommended footprint as
shown. See Application Note 53A001-00 for further
30A232-00
REV. A
2


Similar Part No. - DPSD16MX16TY5

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
DPS PETERMANN-DPS Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
logo
Delta Electronics, Inc.
DPS-100AP-11-A DELTA-DPS-100AP-11-A Datasheet
1Mb / 3P
   Total power 100W
DPS-100AP-11A DELTA-DPS-100AP-11A Datasheet
1Mb / 3P
   Total power 100W
DPS-1200AB-4G DELTA-DPS-1200AB-4G Datasheet
260Kb / 11P
   550-2000W 1U Front End AC-DC Power Supply
DPS-120AB-3 DELTA-DPS-120AB-3 Datasheet
663Kb / 2P
   Total Power 120W,peak 192W for 4Sec.
More results

Similar Description - DPSD16MX16TY5

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S83200A ISSI-IS42S83200A Datasheet
917Kb / 49P
   256 Mb Synchronous DRAM
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
IS42R83200D ISSI-IS42R83200D Datasheet
1Mb / 62P
   256-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB39S256400DT INFINEON-HYB39S256400DT Datasheet
564Kb / 22P
   256 MBit Synchronous DRAM
2002-04-23
logo
Qimonda AG
HYB39S256407FE QIMONDA-HYB39S256407FE Datasheet
1Mb / 27P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160 ISSI-IS42S16160 Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
logo
Siemens Semiconductor G...
HYB39S256400 SIEMENS-HYB39S256400 Datasheet
425Kb / 56P
   256 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S256400D INFINEON-HYB39S256400D Datasheet
630Kb / 28P
   256-MBit Synchronous DRAM
Rev. 1.02, Feb. 2004
HYB39L256160AC INFINEON-HYB39L256160AC Datasheet
632Kb / 48P
   256 MBit Synchronous Low-Power DRAM
2002-12-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com