Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78M612D Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM78M612D
Description  Universal Serial Bus Microcontroller Series
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78M612D Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM78M612D Datasheet HTML 1Page - ELAN Microelectronics Corp EM78M612D Datasheet HTML 2Page - ELAN Microelectronics Corp EM78M612D Datasheet HTML 3Page - ELAN Microelectronics Corp EM78M612D Datasheet HTML 4Page - ELAN Microelectronics Corp EM78M612D Datasheet HTML 5Page - ELAN Microelectronics Corp EM78M612D Datasheet HTML 6Page - ELAN Microelectronics Corp EM78M612D Datasheet HTML 7Page - ELAN Microelectronics Corp EM78M612D Datasheet HTML 8Page - ELAN Microelectronics Corp EM78M612D Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
EM78M612
Universal Serial Bus Microcontroller Series
This specification may change without further notice.
2004/4/2
PS/2 Application Support
8 V1.1
2
SPECIFICATION
1 General Description
The EM78M612 is a series of Universal Serial Bus 8-bit RISC Multi-Time Programming
(MTP) microcontrollers. It is specifically designed for USB low speed device application and
to support legacy device such as PS/2 mouse. The EM78M612 also support one device
address and two endpoints. With no firmware involved, these series of microcontrollers can
automatically identify and decode Standard USB Command to EndPoint Zero.
The EM78M612 is implemented on a RISC architecture. It has five-level stack and eight
interrupt sources. The amount of General Input/Output pins is up to 15. Each device has 112
bytes SRAM and is embedded with 4 bytes of E
2PROM. The ROM size of the EM78M612 is
2K.
These series of chips have special features that accommodate your needs. These features
are:
Dual Clock mode which allows the device to run on very low power saving frequency
Pattern Detecting Application function which is used in a serial transmission to count
waveform width
Width Modulation that can generate a duty-cycle-programmable signal
AD converter with up to 10 bits resolution.
2 Features
Low-cost solution for low-speed USB devices, such as mouse, joystick, and gamepad.
USB Specification Compliance
Universal Serial Bus Specification Version 1.1
USB Device Class Definition for Human Interface Device (HID), Firmware
Specification Version 1.1
Support 1 device address and 2 endpoints
USB Application
USB protocol handling
USB device state handling
Identifies and decodes Standard USB commands to EndPoint Zero
Auto-detects PS/2 or USB port
Built-in PS/2 port interface


Similar Part No. - EM78M612D

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78M611 EMC-EM78M611 Datasheet
955Kb / 38P
   Universal Serial Bus Microcontroller Series
EM78M611 EMC-EM78M611 Datasheet
805Kb / 38P
   USB & PS/2 Keyboard Encoder
EM78M611E EMC-EM78M611E Datasheet
620Kb / 44P
   Universal Serial Bus Series Microcontroller
More results

Similar Description - EM78M612D

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78611 EMC-EM78611 Datasheet
752Kb / 26P
   Universal Serial Bus Microcontroller Series
EM78M611E EMC-EM78M611E Datasheet
620Kb / 44P
   Universal Serial Bus Series Microcontroller
EM78M611 EMC-EM78M611 Datasheet
955Kb / 38P
   Universal Serial Bus Microcontroller Series
logo
Cypress Semiconductor
CY7C63001C CYPRESS-CY7C63001C Datasheet
1Mb / 28P
   Universal Serial Bus Microcontroller
logo
Intel Corporation
X930A INTEL-X930A Datasheet
283Kb / 38P
   UNIVERSAL SERIAL BUS MICROCONTROLLER
logo
Cypress Semiconductor
CY7C63000 CYPRESS-CY7C63000 Datasheet
358Kb / 27P
   Universal Serial Bus Microcontroller
CY7C63101A CYPRESS-CY7C63101A Datasheet
293Kb / 31P
   Universal Serial Bus Microcontroller
CY7C63001A CYPRESS-CY7C63001A_04 Datasheet
496Kb / 25P
   Universal Serial Bus Microcontroller
logo
ELAN Microelectronics C...
EM78612 EMC-EM78612 Datasheet
158Kb / 28P
   Universal Serial Bus Microcontroller
logo
Intel Corporation
8X930AX INTEL-8X930AX Datasheet
283Kb / 38P
   UNIVERSAL SERIAL BUS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com