Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78M612CBM Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM78M612CBM
Description  Universal Serial Bus Microcontroller Series
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78M612CBM Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM78M612CBM Datasheet HTML 6Page - ELAN Microelectronics Corp EM78M612CBM Datasheet HTML 7Page - ELAN Microelectronics Corp EM78M612CBM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78M612CBM Datasheet HTML 9Page - ELAN Microelectronics Corp EM78M612CBM Datasheet HTML 10Page - ELAN Microelectronics Corp EM78M612CBM Datasheet HTML 11Page - ELAN Microelectronics Corp EM78M612CBM Datasheet HTML 12Page - ELAN Microelectronics Corp EM78M612CBM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78M612CBM Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
EM78M612
Universal Serial Bus Microcontroller Series
This specification may change without further notice.
2004/4/28 V1.1
10
8.2.1.1 Operation Registers in Bank 0
The following introduces each of the Operation Registers under the Special Purpose
Registers in Bank 0. These Operation Registers are arranged according to the order of
registers’ address. Note that some registers are read only, while others are both readable
and writable.
R0 (Indirect Address Register) Default Value: (0B_0000_0000)
R0 is not a physically implemented register. Its major function is to be an indirect address
pointer. Any instruction using R0 as a pointer actually accesses the data pointed by the RAM
Select Register (R4).
R1 (Time / Clock Counter) Default Value: (0B_0000_0000)
This register TCC, is an 8-bit timer or counter. It is readable and writable as any other
register.
After Power-on reset and WatchDog reset, the initial value of this register is 0x00.
R2 (Program Counter & Stack) Default Value: (0B_0000_0000)
The EM78M612 Program Counter is an 11-bit long register that allows access to 2K bytes of
Program Memory. The Program Counter is cleared after Power-on reset or WatchDog reset.
The first instruction that is executed after a reset is located at Address 00h.
0x0400
0x07FF
Page 1
0x03FF
Page 0
0x000A
0x0001
0x0000
USB Interrupt Vector
R2[9] ~ R2[0]
Interrupt Vector
RET
RETL
RETI
CALL
Stack 5
Stack 4
Stack 3
Stack 2
Stack 1
Reset Vector
R3[5]


Similar Part No. - EM78M612CBM

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78M611 EMC-EM78M611 Datasheet
955Kb / 38P
   Universal Serial Bus Microcontroller Series
EM78M611 EMC-EM78M611 Datasheet
805Kb / 38P
   USB & PS/2 Keyboard Encoder
EM78M611E EMC-EM78M611E Datasheet
620Kb / 44P
   Universal Serial Bus Series Microcontroller
More results

Similar Description - EM78M612CBM

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78611 EMC-EM78611 Datasheet
752Kb / 26P
   Universal Serial Bus Microcontroller Series
EM78M611E EMC-EM78M611E Datasheet
620Kb / 44P
   Universal Serial Bus Series Microcontroller
EM78M611 EMC-EM78M611 Datasheet
955Kb / 38P
   Universal Serial Bus Microcontroller Series
logo
Cypress Semiconductor
CY7C63001C CYPRESS-CY7C63001C Datasheet
1Mb / 28P
   Universal Serial Bus Microcontroller
logo
Intel Corporation
X930A INTEL-X930A Datasheet
283Kb / 38P
   UNIVERSAL SERIAL BUS MICROCONTROLLER
logo
Cypress Semiconductor
CY7C63000 CYPRESS-CY7C63000 Datasheet
358Kb / 27P
   Universal Serial Bus Microcontroller
CY7C63101A CYPRESS-CY7C63101A Datasheet
293Kb / 31P
   Universal Serial Bus Microcontroller
CY7C63001A CYPRESS-CY7C63001A_04 Datasheet
496Kb / 25P
   Universal Serial Bus Microcontroller
logo
ELAN Microelectronics C...
EM78612 EMC-EM78612 Datasheet
158Kb / 28P
   Universal Serial Bus Microcontroller
logo
Intel Corporation
8X930AX INTEL-8X930AX Datasheet
283Kb / 38P
   UNIVERSAL SERIAL BUS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com