Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78M612DDM Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM78M612DDM
Description  Universal Serial Bus Microcontroller Series
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78M612DDM Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM78M612DDM Datasheet HTML 2Page - ELAN Microelectronics Corp EM78M612DDM Datasheet HTML 3Page - ELAN Microelectronics Corp EM78M612DDM Datasheet HTML 4Page - ELAN Microelectronics Corp EM78M612DDM Datasheet HTML 5Page - ELAN Microelectronics Corp EM78M612DDM Datasheet HTML 6Page - ELAN Microelectronics Corp EM78M612DDM Datasheet HTML 7Page - ELAN Microelectronics Corp EM78M612DDM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78M612DDM Datasheet HTML 9Page - ELAN Microelectronics Corp EM78M612DDM Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
EM78M612
Universal Serial Bus Microcontroller Series
This specification may change without further notice.
2004/4/28 V1.1
6
6 Pin Description
Symbol
I/O
Function
OSCI
I
6MHz / 12MHz ceramic resonator or crystal input.
OSCO
I/O
Return path for 6-MHz / 12MHz ceramic resonator or crystal.
VNN
Used in programming the on-chip ROM. During normal operation, this pin is
connected to Ground.
V3.3V
O
3.3V DC voltage output from internal regulator. This pin has to be tied to a
4.7μF capacitor.
P60/VPP
I
P60 functins as an input pin only (no output)
For serial signal transmission application, the Pin P60 is used as a serial signal
input pin. For detailed usage and function, refer to Section 8.8, Pattern
Detecting Application of this Spec.
P61 ~ P67
I/O
7 GIOP pins.
The pull high resistors (200K Ohms) and pull low resistors (15K Ohm) are
selected through pin programming.
All Port6 I/O pins are used for AD function. Furthermore,P64 & P65 can also be
used for PWM function.
P70 ~ P77
I/O
Port7 offers up to 8 GIOP pins. The sink current of P70 & P71 are
programmable for driving LED.
Each pin has pull high resistors (200K Ohm) that can be selected through pin
programming.
All Port7 I/O pins can be used for AD function.
D+ / P50
I/O
USB Plus data line interface or PS/2 line interface are user-defined through
firmware setting.
When this pin is used as a PS/2 line interface, it will generate an interrupt when
its state changes.
D- / P51
I/O
USB Minus data line interface or PS/2 line interface are user-defined through
firmware setting.
When this pin is used as a PS/2 line interface, it will generate an interrupt when
its state changes.
VDD
-
Connects to the USB power source or to a nominal 5V-power supply. Actual VDD
range can vary between 4.4V and 5.2V.
VSS
-
Connects to ground.
Table 7.1 Pin Descriptions


Similar Part No. - EM78M612DDM

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78M611 EMC-EM78M611 Datasheet
955Kb / 38P
   Universal Serial Bus Microcontroller Series
EM78M611 EMC-EM78M611 Datasheet
805Kb / 38P
   USB & PS/2 Keyboard Encoder
EM78M611E EMC-EM78M611E Datasheet
620Kb / 44P
   Universal Serial Bus Series Microcontroller
More results

Similar Description - EM78M612DDM

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78611 EMC-EM78611 Datasheet
752Kb / 26P
   Universal Serial Bus Microcontroller Series
EM78M611E EMC-EM78M611E Datasheet
620Kb / 44P
   Universal Serial Bus Series Microcontroller
EM78M611 EMC-EM78M611 Datasheet
955Kb / 38P
   Universal Serial Bus Microcontroller Series
logo
Cypress Semiconductor
CY7C63001C CYPRESS-CY7C63001C Datasheet
1Mb / 28P
   Universal Serial Bus Microcontroller
logo
Intel Corporation
X930A INTEL-X930A Datasheet
283Kb / 38P
   UNIVERSAL SERIAL BUS MICROCONTROLLER
logo
Cypress Semiconductor
CY7C63000 CYPRESS-CY7C63000 Datasheet
358Kb / 27P
   Universal Serial Bus Microcontroller
CY7C63101A CYPRESS-CY7C63101A Datasheet
293Kb / 31P
   Universal Serial Bus Microcontroller
CY7C63001A CYPRESS-CY7C63001A_04 Datasheet
496Kb / 25P
   Universal Serial Bus Microcontroller
logo
ELAN Microelectronics C...
EM78612 EMC-EM78612 Datasheet
158Kb / 28P
   Universal Serial Bus Microcontroller
logo
Intel Corporation
8X930AX INTEL-8X930AX Datasheet
283Kb / 38P
   UNIVERSAL SERIAL BUS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com