Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB817BD-B Datasheet(PDF) 2 Page - Kingbright Corporation

Part # KB817BD-B
Description  GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB817BD-B Datasheet(HTML) 2 Page - Kingbright Corporation

  KB817BD-B Datasheet HTML 1Page - Kingbright Corporation KB817BD-B Datasheet HTML 2Page - Kingbright Corporation KB817BD-B Datasheet HTML 3Page - Kingbright Corporation KB817BD-B Datasheet HTML 4Page - Kingbright Corporation KB817BD-B Datasheet HTML 5Page - Kingbright Corporation KB817BD-B Datasheet HTML 6Page - Kingbright Corporation KB817BD-B Datasheet HTML 7Page - Kingbright Corporation KB817BD-B Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
 PHOTOCOUPLER
KB817-B
SPEC NO:DSAD1553
REV NO: V.1
DATE:MAY/05/2003
PAGE: 2 OF 8
APPROVED: J.LU
CHECKED: Tracy Deng
DRAWN:Y.H.LI
*Absolute Maximum Ratings (T==25°°°°°C)
*1
40 to 60% RH,AC for 1 minute.
*2
For 10 seconds.
1.20[0.047]Ó0.3
Cathode
1. Anode 2.
4.
Emitter
3.
Collector
4.58[0.18]
7.20[0.2835]
0.96[0.038]
10.0[.3935] +0.0
-0.5
Internal connection
diagram
KB817-B
0.90[0.035]Ó0.2
rank mark
mark
1
2
Anode
CTR
2.54[0.1]Ó0.25
4
3
Top View
3
4
12
1.25[0495]
*PACKAGE DIMENSIONS (UNIT:mm)
Lead Bending Type
TOLERANCE : ±
: ±
: ±
: ±
: ± 0.5[±±±±±0.02] UNLESS OTHERWISE NOTED.
.
.
. .
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sg
n
it
a
Rg
n
it
a
R
g
n
it
a
R
g
n
it
a
Rg
n
it
a
Rti
n
Uti
n
U ti
n
U ti
n
Uti
n
U
t
u
p
n
I
t
n
e
r
r
u
c
d
r
a
w
r
o
FI F
0
5A
m
e
g
a
tl
o
v
e
s
r
e
v
e
RVR
6V
n
o
it
a
p
i
s
s
i
d
r
e
w
o
PP
0
7W
m
t
u
p
t
u
O
e
g
a
tl
o
v
r
e
tt
i
m
e
-
r
o
t
c
e
ll
o
CV O
E
C
5
3V
e
g
a
tl
o
v
r
o
t
c
e
ll
o
c
-
r
e
tt
i
m
EV O
C
E
6V
t
n
e
r
r
u
c
r
o
t
c
e
ll
o
CI C
0
5A
m
n
o
it
a
p
i
s
s
i
d
r
e
w
o
p
r
o
t
c
e
ll
o
CPC
0
5
1W
m
n
o
it
a
p
i
s
s
i
d
r
e
w
o
p
l
a
t
o
T
t
o
t
P0
0
2W
m
1
*
e
g
a
tl
o
v
n
o
it
a
l
o
s
I
o
s
i
V0
0
0
5s
m
r
V
e
r
u
t
a
r
e
p
m
e
t
g
n
it
a
r
e
p
O
r
p
o
T0
0
1
+
~
0
3
-
°C
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
g
t
s
T5
2
1
+
~
5
5
-
°C
2
*
e
r
u
t
a
r
e
p
m
e
t
g
n
ir
e
d
l
o
S
l
o
s
T0
6
2
°C


Similar Part No. - KB817BD-B

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB817BD KINGBRIGHT-KB817BD Datasheet
213Kb / 8P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
More results

Similar Description - KB817BD-B

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB814 KINGBRIGHT-KB814 Datasheet
192Kb / 8P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB837-B KINGBRIGHT-KB837-B Datasheet
222Kb / 8P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB827-B KINGBRIGHT-KB827-B Datasheet
217Kb / 8P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB817 KINGBRIGHT-KB817 Datasheet
213Kb / 8P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB847 KINGBRIGHT-KB847 Datasheet
276Kb / 9P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB847-B KINGBRIGHT-KB847-B Datasheet
221Kb / 8P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
logo
Sharp Corporation
PC714V SHARP-PC714V Datasheet
395Kb / 4P
   High Isolation Voltage Type, General Purpose Photocoupler
logo
Renesas Technology Corp
PS2501-1 RENESAS-PS2501-1 Datasheet
258Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2561L-1 CEL-PS2561L-1 Datasheet
496Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501-1 CEL-PS2501-1_13 Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com