Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB817BD-B Datasheet(PDF) 6 Page - Kingbright Corporation

Part # KB817BD-B
Description  GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB817BD-B Datasheet(HTML) 6 Page - Kingbright Corporation

  KB817BD-B Datasheet HTML 1Page - Kingbright Corporation KB817BD-B Datasheet HTML 2Page - Kingbright Corporation KB817BD-B Datasheet HTML 3Page - Kingbright Corporation KB817BD-B Datasheet HTML 4Page - Kingbright Corporation KB817BD-B Datasheet HTML 5Page - Kingbright Corporation KB817BD-B Datasheet HTML 6Page - Kingbright Corporation KB817BD-B Datasheet HTML 7Page - Kingbright Corporation KB817BD-B Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
 PHOTOCOUPLER
KB817-B
SPEC NO:DSAD1553
REV NO: V.1
DATE:MAY/05/2003
PAGE: 6 OF 8
APPROVED: J.LU
CHECKED: Tracy Deng
DRAWN:Y.H.LI
Fig. 11 Collector-em itter Saturation
Voltage vs. Forward Current
*NOTES ON HANDLING
1.Recommended soldering conditions (Dip soldering)
(1) Dip soldering
Temperature
260°C or below (molten solder temperature)
Time
Less than 10 seconds.
Cycle
One cycle allowed to be dipped in solder including plastic mold portion.
Flux
Rosin flux containing small amount of chorine
(The flux with a maximum chlorine content of 0.2 Wt % is recommended.)
(2) Cautions
Fluxes
Avovid removing the residual flux with freon-based and chlorine-based cleaning solvent.
2.Cautions regarding noise
Be aware that power is suddenly into the componment any surge current may cause damage happen,
even if the voltage is within the absolute maximum ratings.


Similar Part No. - KB817BD-B

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB817BD KINGBRIGHT-KB817BD Datasheet
213Kb / 8P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
More results

Similar Description - KB817BD-B

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB814 KINGBRIGHT-KB814 Datasheet
192Kb / 8P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB837-B KINGBRIGHT-KB837-B Datasheet
222Kb / 8P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB827-B KINGBRIGHT-KB827-B Datasheet
217Kb / 8P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB817 KINGBRIGHT-KB817 Datasheet
213Kb / 8P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB847 KINGBRIGHT-KB847 Datasheet
276Kb / 9P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB847-B KINGBRIGHT-KB847-B Datasheet
221Kb / 8P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
logo
Sharp Corporation
PC714V SHARP-PC714V Datasheet
395Kb / 4P
   High Isolation Voltage Type, General Purpose Photocoupler
logo
Renesas Technology Corp
PS2501-1 RENESAS-PS2501-1 Datasheet
258Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2561L-1 CEL-PS2561L-1 Datasheet
496Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501-1 CEL-PS2501-1_13 Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com