Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8385B-33CD Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # LX8385B-33CD
Description  3A LOW DROPOUT POSITIVE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LX8385B-33CD Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  LX8385B-33CD Datasheet HTML 1Page - List of Unclassifed Manufacturers LX8385B-33CD Datasheet HTML 2Page - List of Unclassifed Manufacturers LX8385B-33CD Datasheet HTML 3Page - List of Unclassifed Manufacturers LX8385B-33CD Datasheet HTML 4Page - List of Unclassifed Manufacturers LX8385B-33CD Datasheet HTML 5Page - List of Unclassifed Manufacturers LX8385B-33CD Datasheet HTML 6Page - List of Unclassifed Manufacturers LX8385B-33CD Datasheet HTML 7Page - List of Unclassifed Manufacturers LX8385B-33CD Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
3A L OW D ROPOUT P OSITIVE R EGULA TORS
LX8385-xx/8385A-xx/8385B-xx
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 2.0a 10/00
8
P RODUCTION D ATA S HEET
TYPICAL APPLICA TIONS
LX8385/85A/85B
OUT
IN
ADJ
150µF
V
IN
R2
365
1%
10µF
R1
121
1%
C1
10µF*
* C1 improves ripple rejection.
X
C should be ≈ R1 at ripple
frequency.
V
OUT
5V
(Note A)
FIGURE 5 — 1.2V - 8V Adjustable Regulator
FIGURE 4 — Improving Ripple Rejection
LX8385/85A/85B
OUT
IN
ADJ
V
OUT**
V
IN
R1
121
R2
1k
C1*
10µF
* Needed if device is far from filter capacitors.
** V
OUT = 1.25V
1 +
C2
100µF
R2
R1
(Note A)
FIGURE 6 — 5V Regulator With Shutdown
(Note A)
LX8385/85A/85B
OUT
IN
ADJ
5V
V
IN
121
1%
10µF
100µF
365
1%
1k
1k
2N3904
TTL
Output
Note A:
V
IN (MIN) = (Intended VOUT) + (VDROPOUT (MAX))
FIGURE 7 — Fixed 3.3V Output Regulator
LX8385/85A/85B-33
OUT
IN
GND
3.3V
V
IN
10µF Tantalum
or 100µF Aluminum
Min. 15µF Tantalum or
100µF Aluminum capacitor.
May be increased without
limit. ESR must be less
than 50m
Ω.
PRODUCTION DATA - Information contained in this document is proprietary to Linfinity, and is current as of publication date. This document
may not be modified in any way without the express written consent of Linfinity. Product processing does not necessarily include testing of
all parameters. Linfinity reserves the right to change the configuration and performance of the product and to discontinue product at any time.


Similar Part No. - LX8385B-33CD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8385B-33CD MICROSEMI-LX8385B-33CD Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
More results

Similar Description - LX8385B-33CD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 22P
[Old version datasheet]   LM1085 3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com