Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78M612ADP Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM78M612ADP
Description  Universal Serial Bus Microcontroller Series
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78M612ADP Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM78M612ADP Datasheet HTML 5Page - ELAN Microelectronics Corp EM78M612ADP Datasheet HTML 6Page - ELAN Microelectronics Corp EM78M612ADP Datasheet HTML 7Page - ELAN Microelectronics Corp EM78M612ADP Datasheet HTML 8Page - ELAN Microelectronics Corp EM78M612ADP Datasheet HTML 9Page - ELAN Microelectronics Corp EM78M612ADP Datasheet HTML 10Page - ELAN Microelectronics Corp EM78M612ADP Datasheet HTML 11Page - ELAN Microelectronics Corp EM78M612ADP Datasheet HTML 12Page - ELAN Microelectronics Corp EM78M612ADP Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
EM78M612
Universal Serial Bus Microcontroller Series
This specification may change without further notice.
2004/4/28 V1.1
9
8.2.1 Special Purpose Registers
When the microcontroller executes instruction, specific registers are invoked for assistance,
such as; Status Register which records the calculation status, Port I/O Control Registers
which control the I/O pins’ direction, etc. The EM78M612 series provides a lot more of other
special purpose registers with different functions.
There are 23 Special Operation Registers which are located from Address 0x00 to 0x0E in
Bank0, and from Address 0x08 to 0x0F in Bank1. On other hand, 17 more Special Control
Registers are available to control functions or I/O direction. These are arranged from
Address 0x05 to 0x0F in Bank0, and from Address 0x08 to 0x0F in Bank1.
Note that Special Control Registers can only be read or written by two instructions; IOR and
IOW. To access registers from Bank1, the Special Purpose Registers Bank selector (R3[7])
should be set first.
R0 (Indirection Addressing Register)
R1 (Time Clock / Counter Register)
R2 (Program Counter) & Stack
R3 (Status Register)
R4 (RAM Select Register)
CBK0
R5 (Data line I/O Register)
R6 (Port 6 I/O Register)
R7 (Port 7 I/O Register)
R8 (Port6 wakeup pin selection Register)
R9 (Port7 wakeup pin selection Register)
RA (High Pattern Counter Register)
RB (Low Pattern Counter Register)
RC (USB Application Status Register)
RD (USB FIFO address register)
RE (USB FIFO data register)
RF (Interrupt Status Register)
CBK1
R8S (PWM1 Duty Cycle Register)
R9S (PWM2 Duty Cycle Register)
RAS (AD Channel Select Register)
RBS (AD MSB Data Register
00
01
02
03
04
05
06
07
08
RCS (AD LSB Data Register)
RES (EEPROMMODE SELECTRegister)
General Purpose Register
09
0A
0B
0C
0D
0F
08
09
0E
0A
0B
0C
0D
0E
10
0F
CBK0
IOC5 (Port 5 I/O Control Register)
IOC6 (Port 6 I/O Control Register)
IOC7 (Port 7 I/O Control Register)
IOC8 (Sink Curent Control Register)
IOC9 (PDA Control Register)
IOCA (Operation mode Control Register)
IOCB (Port 6 pull low Control Register)
IOCC (Port 6 pull high Control Register)
IOCD (Port 7 pull high Control Register)
IOCE (Special Function Control Register)
IOCF (Interrupt Mask Register)
CBK1
IOC8S (PWM Control Register)
IOCAS (AD Control Register)
IOCCS (EEPROMBYTE0)
IOCDS (EEPROMBYTE1)
IOCES (EEPROMBYTE2)
IOCFS (EEPROMBYTE3)
EP0'sFIFO
EP1'sFIFO
Data Byte Pointer of EP0
00
01
10
1F
20
General Purpose
Registers
(Bank0)
General Purpose
Registers
(Bank1)
General Purpose
Registers
(Bank2)
3F
Data Byte Pointer of EP1
11
By te 0
By te 1
By te 2
By te 3
By te 4
By te 5
By te 6
By te 7
General Purpose
Registers
(Bank3)
Fig 8.1 The Organization of EM78M612 Data RAM


Similar Part No. - EM78M612ADP

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78M611 EMC-EM78M611 Datasheet
955Kb / 38P
   Universal Serial Bus Microcontroller Series
EM78M611 EMC-EM78M611 Datasheet
805Kb / 38P
   USB & PS/2 Keyboard Encoder
EM78M611E EMC-EM78M611E Datasheet
620Kb / 44P
   Universal Serial Bus Series Microcontroller
More results

Similar Description - EM78M612ADP

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78611 EMC-EM78611 Datasheet
752Kb / 26P
   Universal Serial Bus Microcontroller Series
EM78M611E EMC-EM78M611E Datasheet
620Kb / 44P
   Universal Serial Bus Series Microcontroller
EM78M611 EMC-EM78M611 Datasheet
955Kb / 38P
   Universal Serial Bus Microcontroller Series
logo
Cypress Semiconductor
CY7C63001C CYPRESS-CY7C63001C Datasheet
1Mb / 28P
   Universal Serial Bus Microcontroller
logo
Intel Corporation
X930A INTEL-X930A Datasheet
283Kb / 38P
   UNIVERSAL SERIAL BUS MICROCONTROLLER
logo
Cypress Semiconductor
CY7C63000 CYPRESS-CY7C63000 Datasheet
358Kb / 27P
   Universal Serial Bus Microcontroller
CY7C63101A CYPRESS-CY7C63101A Datasheet
293Kb / 31P
   Universal Serial Bus Microcontroller
CY7C63001A CYPRESS-CY7C63001A_04 Datasheet
496Kb / 25P
   Universal Serial Bus Microcontroller
logo
ELAN Microelectronics C...
EM78612 EMC-EM78612 Datasheet
158Kb / 28P
   Universal Serial Bus Microcontroller
logo
Intel Corporation
8X930AX INTEL-8X930AX Datasheet
283Kb / 38P
   UNIVERSAL SERIAL BUS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com