Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV160BTMC-90 Datasheet(PDF) 8 Page - Macronix International

Part # MX29LV160BTMC-90
Description  16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV160BTMC-90 Datasheet(HTML) 8 Page - Macronix International

Back Button MX29LV160BTMC-90 Datasheet HTML 4Page - Macronix International MX29LV160BTMC-90 Datasheet HTML 5Page - Macronix International MX29LV160BTMC-90 Datasheet HTML 6Page - Macronix International MX29LV160BTMC-90 Datasheet HTML 7Page - Macronix International MX29LV160BTMC-90 Datasheet HTML 8Page - Macronix International MX29LV160BTMC-90 Datasheet HTML 9Page - Macronix International MX29LV160BTMC-90 Datasheet HTML 10Page - Macronix International MX29LV160BTMC-90 Datasheet HTML 11Page - Macronix International MX29LV160BTMC-90 Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
8
P/N:PM1041
MX29LV160BT/BB
REV. 1.2, JUL. 01, 2004
R
QUERY COMMAND AND COMMON FLASH
INTERFACE (CFI) MODE
MX29LV160BT/BB is capable of operating in the CFI
mode. This mode all the host system to determine the
manufacturer of the device such as operating param-
eters and configuration. Two commands are required in
CFI mode. Query command of CFI mode is placed first,
then the Reset command exits CFI mode. These are
described in Table 4.
The single cycle Query command is valid only when the
device is in the Read mode, including Erase Suspend,
Standby mode, and Automatic Select mode; however, it
is ignored otherwise.
The Reset command exits from the CFI mode to the
Read mode, or Erase Suspend mode, or Automatic Se-
lect mode. The command is valid only when the device
is in the CFI mode.
Table 4-1. CFI mode: Identification Data Values
(All values in these tables are in hexadecimal)
Description
Address
Address
Data
(Byte Mode)
(Word Mode)
Query-unique ASCII string "QRY"
20
10
0051
22
11
0052
24
12
0059
Primary vendor command set and control interface ID code
26
13
0002
28
14
0000
Address for primary algorithm extended query table
2A
15
0040
2C
16
0000
Alternate vendor command set and control interface ID code (none)
2E
17
0000
30
18
0000
Address for secondary algorithm extended query table (none)
32
19
0000
34
1A
0000
Table 4-2. CFI Mode: System Interface Data Values
(All values in these tables are in hexadecimal)
Description
Address
Address
Data
(Byte Mode)
(Word Mode)
VCC supply, minimum (2.7V)
36
1B
0027
VCC supply, maximum (3.6V)
38
1C
0036
VPP supply, minimum (none)
3A
1D
0000
VPP supply, maximum (none)
3C
1E
0000
Typical timeout for single word/byte write (2N us)
3E
1F
0004
Typical timeout for Minimum size buffer write (2N us) (not supported)
40
20
0000
Typical timeout for individual sector erase (2N ms)
42
21
000A
Typical timeout for full chip erase (2N ms)
44
22
0000
Maximum timeout for single word/byte write times (2N X Typ)
46
23
0005
Maximum timeout for buffer write times (2N X Typ)
48
24
0000
Maximum timeout for individual sector erase times (2N X Typ)
4A
25
0004
Maximum timeout for full chip erase times (not supported)
4C
26
0000


Similar Part No. - MX29LV160BTMC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV160BTC-70 MCNIX-MX29LV160BTC-70 Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BTC-90 MCNIX-MX29LV160BTC-90 Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BTI-70 MCNIX-MX29LV160BTI-70 Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BTI-90 MCNIX-MX29LV160BTI-90 Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV160BTMC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV161T MCNIX-MX29LV161T Datasheet
995Kb / 58P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160AT MCNIX-MX29LV160AT Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX26LV160AT MCNIX-MX26LV160AT Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160 MCNIX-MX26LV160 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX28F160C3T MCNIX-MX28F160C3T Datasheet
417Kb / 44P
   16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV017A ETC1-MX29LV017A Datasheet
629Kb / 57P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE
logo
Elite Semiconductor Mem...
F25L016A ESMT-F25L016A_08 Datasheet
376Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com