Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3585 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3585
Description  Power Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3585 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3585 Datasheet HTML 1Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Transistors
TO-66 Case
86
www.centralsemi.com
Shaded areas indicate Darlington.
TYPE NO.
IC
PD
BVCBO BVCEO
hFE
@ IC VCE(SAT) @ IC
fT
(A)
(W)
(V)
(V)
(A)
(V)
(A)
(MHz)
NPN
PNP
MAX
MIN
MIN
MIN
MAX
MAX
MIN
2N3054
4.0
25
90
55
25
150
0.5
1.0
0.5
0.8
2N3054A
2N6049
4.0
75
90
55
25
150
0.5
0.5
0.5
0.8
2N3583
2N6420
2.0
35
250
175
40
- -
0.1
5.0
1.0
10
2N3584
2N6421
2.0
35
375
250
40
- -
0.1
0.75
1.0
10
2N3585
2N6422
2.0
35
500
300
40
- -
0.1
0.75
1.0
10
2N3738
1.0
20
250
225
40
200
0.1
2.5
0.25
10
2N3739
1.0
20
325
300
40
200
0.1
2.5
0.25
10
2N3740
4.0
25
60
60
30
150
0.25
0.6
1.0
3.0
2N3740A
4.0
25
60
60
30
150
0.25
0.6
1.0
3.0
2N3741
4.0
25
80
80
30
150
0.25
0.6
1.0
3.0
2N3741A
4.0
25
80
80
30
150
0.25
0.6
1.0
3.0
2N3766
4.0
20
80
60
40
160
0.5
1.0
0.5
10
2N3767
4.0
20
100
80
40
160
0.5
1.0
0.5
10
2N4231
3.0
35
50
40
25
100
1.5
2.0
3.0
4.0
2N4231A
2N6312
5.0
75
40
40
25
100
1.5
4.0
5.0
4.0
2N4232
3.0
35
70
60
25
100
1.5
2.0
3.0
4.0
2N4232A
2N6313
5.0
75
60
60
25
100
1.5
4.0
5.0
4.0
2N4233
3.0
35
90
80
25
100
1.5
2.0
3.0
4.0
2N4233A
2N6314
5.0
75
80
80
25
100
1.5
4.0
5.0
4.0
2N4240
2N6423
2.0
35
500
300
40
- -
0.1
1.0
0.75
15
2N4296
1.0
20
350
250
50
150
0.05
0.9
0.05
20
2N4298
1.0
20
500
350
25
75
0.05
0.9
0.05
20
2N4299
1.0
20
500
350
50
150
0.05
0.75
0.05
20
2N4910
2N4898
1.0
25
40
40
20
150
0.5
0.6
1.0
3.0
2N4911
2N4899
1.0
25
60
60
20
150
0.5
0.6
1.0
3.0
2N4912
2N4900
1.0
25
80
80
20
150
0.5
0.6
1.0
3.0
2N5427
7.0
40
80
80
30
120
2.0
0.7
2.0
30
2N5428
7.0
40
80
80
60
240
2.0
0.7
2.0
30
2N5429
7.0
40
100
100
30
120
2.0
0.7
2.0
30
2N5430
7.0
40
100
100
60
240
2.0
0.7
2.0
30
2N6211
1.0
35
275
225
10
100
1.0
1.4
0.125
20
2N6212
1.0
35
350
300
10
100
1.0
1.6
0.125
20
2N6213
1.0
35
400
350
10
100
1.0
2.0
0.125
20
2N6260
4.0
29
50
40
20
100
1.5
1.5
1.5
0.8
2N6261
4.0
50
90
80
25
100
1.5
0.5
1.5
0.8
2N6263
3.0
20
140
120
20
150
0.5
1.2
0.5
0.8
2N6294
2N6296
4.0
50
60
60
750
18,000
2.0
2.0
2.0
4.0
2N6295
2N6297
4.0
50
80
80
750
18,000
2.0
2.0
2.0
4.0
2N6300
2N6298
8.0
75
60
60
750
18,000
4.0
2.0
4.0
4.0
2N6301
2N6299
8.0
75
80
80
750
18,000
4.0
2.0
4.0
4.0
2N6315
2N6317
7.0
90
60
60
20
100
2.5
1.0
4.0
4.0
2N6316
2N6318
7.0
90
80
80
20
100
2.5
1.0
4.0
4.0
2N6372
2N5954
6.0
40
90
80
20
100
2.0
1.0
2.0
4.0
2N6373
2N5955
6.0
40
70
60
20
100
2.5
1.0
2.5
4.0
2N6374
2N5956
6.0
40
50
40
20
100
3.0
1.0
3.0
4.0
2N6424
1.0
20
250
225
40
200
0.1
2.5
0.25
10
2N6425
1.0
20
325
300
40
200
0.1
2.5
0.25
10
2N6465
2N6467
4.0
40
110
100
15
150
1.5
1.2
1.5
5.0
2N6466
2N6468
4.0
40
130
120
15
150
1.5
1.2
1.5
5.0
40312
4.0
29
60
60
20
120
1.0
1.0
0.5
0.75
CM3441
3.0
25
160
120
25
150
0.5
1.0
0.5
0.2


Similar Part No. - 2N3585

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3585 MOSPEC-2N3585 Datasheet
217Kb / 4P
   POWER TRANSISTORS(35W)
logo
Comset Semiconductor
2N3585 COMSET-2N3585 Datasheet
102Kb / 3P
   NPN SILICON POWER TRANSISTORS.
logo
Boca Semiconductor Corp...
2N3585 BOCA-2N3585 Datasheet
224Kb / 4P
   COMPLEMENTARY MEDIUM-POWER HIGH VOLTAGE POWER TRANSISTORS
logo
Savantic, Inc.
2N3585 SAVANTIC-2N3585 Datasheet
140Kb / 3P
   Silicon NPN Power Transistors
logo
Microsemi Corporation
2N3585 MICROSEMI-2N3585 Datasheet
64Kb / 3P
   5 Amp, 500V, High Voltage NPN Silicon Power Transistors
More results

Similar Description - 2N3585

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120 Datasheet
43Kb / 4P
   RF POWER TRANSISTORS RF POWER TRANSISTORS
logo
ON Semiconductor
MJW16206 ONSEMI-MJW16206 Datasheet
306Kb / 10P
   POWER TRANSISTORS
REV 3
MJE18204 ONSEMI-MJE18204 Datasheet
484Kb / 12P
   POWER TRANSISTORS
1995
logo
Unisonic Technologies
UP2518 UTC-UP2518_15 Datasheet
114Kb / 3P
   POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N6543 JMNIC-2N6543 Datasheet
141Kb / 1P
   Power Transistors
2SC3694_2014 JMNIC-2SC3694_2014 Datasheet
33Kb / 1P
   Power Transistors
logo
New Jersey Semi-Conduct...
2N1047 NJSEMI-2N1047 Datasheet
120Kb / 1P
   POWER TRANSISTORS
logo
Central Semiconductor C...
TN2905 CENTRAL-TN2905 Datasheet
50Kb / 1P
   Power Transistors
logo
ON Semiconductor
MJE18004D2 ONSEMI-MJE18004D2 Datasheet
466Kb / 12P
   POWER TRANSISTORS
1995
logo
Continental Device Indi...
CSA1301FPNP CDIL-CSA1301FPNP Datasheet
138Kb / 3P
   POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SC3710_2014 JMNIC-2SC3710_2014 Datasheet
35Kb / 1P
   Power Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com