Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFP8P10 Datasheet(PDF) 3 Page - Harris Corporation

Part # RFP8P10
Description  -8A, -80V AND -100V, 0.400 Ohm, P-CHANNEL POWER MOSFETS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RFP8P10 Datasheet(HTML) 3 Page - Harris Corporation

  RFP8P10 Datasheet HTML 1Page - Harris Corporation RFP8P10 Datasheet HTML 2Page - Harris Corporation RFP8P10 Datasheet HTML 3Page - Harris Corporation RFP8P10 Datasheet HTML 4Page - Harris Corporation RFP8P10 Datasheet HTML 5Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Similar Part No. - RFP8P10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP8P10 INTERSIL-RFP8P10 Datasheet
40Kb / 5P
   8A, 100V, 0.400 Ohm, P-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
RFP8P10 VBSEMI-RFP8P10 Datasheet
966Kb / 7P
   P-Channel 100 V (D-S) MOSFET
More results

Similar Description - RFP8P10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP8P10 INTERSIL-RFP8P10 Datasheet
40Kb / 5P
   8A, 100V, 0.400 Ohm, P-Channel Power MOSFET
RFP12P08 INTERSIL-RFP12P08 Datasheet
37Kb / 5P
   12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs
RFP6P08 INTERSIL-RFP6P08 Datasheet
310Kb / 5P
   -6A, -80V and -100V, 0.600 Ohm, P-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFH25P08 NJSEMI-RFH25P08 Datasheet
91Kb / 2P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
Intersil Corporation
RFH25P08 INTERSIL-RFH25P08 Datasheet
33Kb / 4P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
RFL1P08 INTERSIL-RFL1P08 Datasheet
42Kb / 4P
   1A, -80V and -100V, 3.65 Ohm, P-Channel Power MOSFETs
RFP2P08 INTERSIL-RFP2P08 Datasheet
39Kb / 5P
   -2A, -80V and -100V, 3.500 Ohm, P-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFL1P08 NJSEMI-RFL1P08 Datasheet
90Kb / 2P
   1 A, -80V and -100V, 3.65 Ohm, P-Channel Power MOSFETs
logo
Harris Corporation
IRFD9113 HARRIS-IRFD9113 Datasheet
342Kb / 6P
   -0.6A and -0.7A, -80V and -100V, 1.2 and 1.6 Ohm, P-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFP2N08 NJSEMI-RFP2N08 Datasheet
93Kb / 2P
   2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com