Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PALCE22V10-7JC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # PALCE22V10-7JC
Description  Flash-erasable Reprogrammable CMOS PAL Device
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PALCE22V10-7JC Datasheet(HTML) 2 Page - Cypress Semiconductor

  PALCE22V10-7JC Datasheet HTML 1Page - Cypress Semiconductor PALCE22V10-7JC Datasheet HTML 2Page - Cypress Semiconductor PALCE22V10-7JC Datasheet HTML 3Page - Cypress Semiconductor PALCE22V10-7JC Datasheet HTML 4Page - Cypress Semiconductor PALCE22V10-7JC Datasheet HTML 5Page - Cypress Semiconductor PALCE22V10-7JC Datasheet HTML 6Page - Cypress Semiconductor PALCE22V10-7JC Datasheet HTML 7Page - Cypress Semiconductor PALCE22V10-7JC Datasheet HTML 8Page - Cypress Semiconductor PALCE22V10-7JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PALCE22V10
USE ULTRA37000TM FOR
ALL NEW DESIGNS
Document #: 38-03027 Rev. *B
Page 2 of 13
Functional Description
The Cypress PALCE22V10 is a CMOS Flash-erasable
second-generation programmable array logic device. It is
implemented with the familiar sum-of-products (AND-OR)
logic structure and the programmable macrocell.
The PALCE22V10 is executed in a 24-pin 300-mil molded DIP,
a 300-mil cerDIP, a 28-lead square ceramic leadless chip
carrier, a 28-lead square plastic leaded chip carrier, and
provides up to 22 inputs and 10 outputs. The PALCE22V10
can be electrically erased and reprogrammed. The program-
mable macrocell provides the capability of defining the archi-
tecture of each output individually. Each of the ten potential
outputs may be specified as “registered” or “combinatorial.”
Polarity of each output may also be individually selected,
allowing complete flexibility of output configuration. Further
configurability is provided through “array” configurable “output
enable” for each potential output. This feature allows the 10
outputs to be reconfigured as inputs on an individual basis, or
alternately used as a combination I/O controlled by the
programmable array.
PALCE22V10 features a variable product term architecture.
There are 5 pairs of product term sums beginning at 8 product
terms per output and incrementing by 2 to 16 product terms
per
output.
By
providing
this
variable
structure,
the
PALCE22V10 is optimized to the configurations found in a
majority of applications without creating devices that burden
the product term structures with unusable product terms and
lower performance.
Additional features of the Cypress PALCE22V10 include a
synchronous preset and an asynchronous reset product term.
These product terms are common to all macrocells, elimi-
nating the need to dedicate standard product terms for initial-
ization functions. The device automatically resets upon
power-up.
The PALCE22V10, featuring programmable macrocells and
variable product terms, provides a device with the flexibility to
implement logic functions in the 500- to 800-gate-array
complexity. Since each of the ten output pins may be individ-
ually configured as inputs on a temporary or permanent basis,
functions requiring up to 21 inputs and only a single output and
down to twelve inputs and ten outputs are possible. The ten
potential outputs are enabled using product terms. Any output
pin may be permanently selected as an output or arbitrarily
enabled as an output and an input through the selective use
of individual product terms associated with each output. Each
of these outputs is achieved through an individual program-
mable macrocell. These macrocells are programmable to
provide a combinatorial or registered inverting or non-inverting
output. In a registered mode of operation, the output of the
register is fed back into the array, providing current status
information to the array. This information is available for estab-
lishing the next result in applications such as control state
machines. In a combinatorial configuration, the combinatorial
output or, if the output is disabled, the signal present on the I/O
pin is made available to the array. The flexibility provided by
both programmable product term control of the outputs and
variable product terms allows a significant gain in functional
density through the use of programmable logic.
Along with this increase in functional density, the Cypress
PALCE22V10 provides lower-power operation through the use
of CMOS technology, and increased testability with Flash
reprogrammability.
Selection Guide
Generic Part Number
tPD ns
tS ns
tCO ns
ICC mA
Com’l
Mil/Ind
Com’l
Mil/Ind
Com’l
Mil/Ind
Com’l
Mil/Ind
PALCE22V10-5
5
3
4
130
PALCE22V10-7
7.5
5
5
130
PALCE22V10-10
10
10
6677
90
150
PALCE22V10-15
15
15
10
10
8
8
90
120
PALCE22V10-25
25
25
15
15
15
15
90
120
Configuration Table
Registered/Combinatorial
C1
C0
Configuration
0
0
Registered/Active LOW
0
1
Registered/Active HIGH
1
0
Combinatorial/Active LOW
1
1
Combinatorial/Active HIGH


Similar Part No. - PALCE22V10-7JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE22V10-7JC CYPRESS-PALCE22V10-7JC Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
More results

Similar Description - PALCE22V10-7JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
352Kb / 14P
   Flash Erasable, Reprogrammable CMOS PAL Device
PAL20V8 CYPRESS-PAL20V8 Datasheet
287Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL Device
5962-8867004LA CYPRESS-5962-8867004LA Datasheet
337Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL Device
PALCE16V8 CYPRESS-PALCE16V8 Datasheet
300Kb / 13P
   Flash-Erasable Reprogrammable CMOS PAL Device
PALC22V10D CYPRESS-PALC22V10D Datasheet
684Kb / 11P
   FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE
PALCE20V8 CYPRESS-PALCE20V8_04 Datasheet
316Kb / 14P
   Flash-Erasable Reprogrammable CMOS PAL짰 Device
PALC22V10D CYPRESS-PALC22V10D_07 Datasheet
328Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10 CYPRESS-PALCE22V10_96 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
   Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com