Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C3Q991 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C3Q991
Description  3.3V Programmable Skew PLL Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C3Q991 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C3Q991 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C3Q991 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C3Q991 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C3Q991 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C3Q991 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C3Q991 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C3Q991 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C3Q991 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C3Q991 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C3Q991, PI6CQ3993
3.3V Programmable Skew PLL Clock Driver SuperClock®
4
PS8449A
10/09/00
0
:
1
F
n)
2
#
,
1
#
r
i
a
P
(
w
e
k
S)
3
#
r
i
a
P
(
w
e
k
S)
4
#
r
i
a
P
(
w
e
k
S
)
1
(
L
L )2
(
t
4
– U
2
y
b
e
d
i
v
i
D2
y
b
e
d
i
v
i
D
M
Lt
3
– U
t
6
– U
t
6
– U
H
Lt
2
– U
t
4
– U
t
4
– U
L
Mt
1
– U
t
2
– U
t
2
– U
M
Mw
e
k
s
o
r
e
Zw
e
k
s
o
r
e
Zw
e
k
s
o
r
e
Z
H
Mt
1
+ U
t
2
+ U
t
2
+ U
L
Ht
2
+ U
t
4
+ U
t
4
+ U
M
Ht
3
+ U
t
6
+ U
t
6
+ U
H
Ht
4
+ U
4
y
b
e
d
i
v
i
Dd
e
tr
e
v
n
I
)
3
(
Table 3. Skew Selection Table for Output Pairs
Notes:
1.Programmableskewonpair#4isnotapplicable
forthePI6C993.
2.LLdisablesoutputsifTEST = MIDandGND/
sOE = HIGH.
3.Whenpair#4issettoHH(inverted),GND/sOE
disablespair#4HIGHwhenVCCQ/PE=HIGH,
GND/sOE disables pair #4 LOW when VCCQ/
PE=LOW
Supply Voltage to ground ........................................................–0.5Vto7.0V
DC input Voltage VI ....................................................................–0.5VtoVCC+0.5V
MaximumPowerDissipationatTA =85°C,PLCC .........................0.80watts
QSOP ....................... 0.66watts
TSTGStoragetemperature ....................................................–65°Cto150°C
Table 4. Absolute Maximum Ratings
Table 5. Recommended Operating Range
l
o
b
m
y
Sn
o
it
p
i
r
c
s
e
D
X
9
9
Q
3
C
6
I
P
5
-
X
9
9
Q
3
C
6
I
P
)l
a
i
r
t
s
u
d
n
I
(
2
-
X
9
9
3
C
6
I
P
)l
a
i
c
r
e
m
m
o
C
(
s
ti
n
U
.
n
i
M.
x
a
M.
n
i
M.
x
a
M
V C
C
y
l
p
p
u
S
r
e
w
o
P
e
g
a
tl
o
V
0
.
36
.
30
.
36
.
3V
TA
g
n
it
a
r
e
p
O
t
n
ei
b
m
A
e
r
u
t
a
r
e
p
m
e
T
0
4
–5
80
0
7C
°
Stresses abovethoselistedunder AbsoluteMaximumRatings
may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the
device at these or any other conditions above those listed in
the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods may affect product reliability.


Similar Part No. - PI6C3Q991

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
   27 MHz Spread Spectrum Clock Synthesizer
PI6C3420ATE PERICOM-PI6C3420ATE Datasheet
492Kb / 5P
   27 MHz Spread Spectrum Clock Synthesizer
PI6C3421A PERICOM-PI6C3421A Datasheet
371Kb / 7P
   27MHz Spread Spectrum Clock Synthesizer
PI6C3503 PERICOM-PI6C3503 Datasheet
408Kb / 10P
   Low Power Spread Spectrum Frequency Multiplier
PI6C3503LE PERICOM-PI6C3503LE Datasheet
408Kb / 10P
   Low Power Spread Spectrum Frequency Multiplier
More results

Similar Description - PI6C3Q991

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950 IDT-IDT5V9950 Datasheet
67Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950PFGI IDT-IDT5V9950PFGI Datasheet
363Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
IDT5V994 IDT-IDT5V994 Datasheet
73Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM PLUS
IDT5V9955 IDT-IDT5V9955 Datasheet
129Kb / 11P
   3.3V PROGRAMMABLE SKEW DUAL PLL CLOCK DRIVER TURBOCLOCK W
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com