Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV160BTXBI-90G Datasheet(PDF) 9 Page - Macronix International

Part # MX29LV160BTXBI-90G
Description  16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV160BTXBI-90G Datasheet(HTML) 9 Page - Macronix International

Back Button MX29LV160BTXBI-90G Datasheet HTML 5Page - Macronix International MX29LV160BTXBI-90G Datasheet HTML 6Page - Macronix International MX29LV160BTXBI-90G Datasheet HTML 7Page - Macronix International MX29LV160BTXBI-90G Datasheet HTML 8Page - Macronix International MX29LV160BTXBI-90G Datasheet HTML 9Page - Macronix International MX29LV160BTXBI-90G Datasheet HTML 10Page - Macronix International MX29LV160BTXBI-90G Datasheet HTML 11Page - Macronix International MX29LV160BTXBI-90G Datasheet HTML 12Page - Macronix International MX29LV160BTXBI-90G Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
9
P/N:PM1041
MX29LV160BT/BB
REV. 1.2, JUL. 01, 2004
R
Table 4-3. CFI Mode: Device Geometry Data Values
(All values in these tables are in hexadecimal)
Description
Address
Address
Data
(Byte Mode)
(Word Mode)
Device size (2N bytes)
4E
27
0015
Flash device interface code (x8/x16 async.)
50
28
0002
52
29
0000
Maximum number of bytes in multi-byte write (not supported)
54
2A
0000
56
2B
0000
Number of erase sector regions
58
2C
0004
Erase sector region 1 information (refer to the CFI publication 100)
5A
2D
0000
5C
2E
0000
5E
2F
0040
60
30
0000
Erase sector region 2 information
62
31
0001
64
32
0000
66
33
0020
68
34
0000
Erase sector region 3 information
6A
35
0000
6C
36
0000
6E
37
0080
70
38
0000
Erase sector region 4 information
72
39
001E
74
3A
0000
76
3B
0000
78
3C
0001
Table 4-4. CFI Mode: Primary Vendor-Specific Extended Query Data Values
(All values in these tables are in hexadecimal)
Description
Address
Address
Data
(Byte Mode)
(Word Mode)
Query-unique ASCII string "PRI"
80
40
0050
82
41
0052
84
42
0049
Major version number, ASCII
86
43
0031
Minor version number, ASCII
88
44
0030
Address sensitive unlock (0=required, 1= not required)
8A
45
0000
Erase suspend (2= to read and write)
8C
46
0002
Sector protect (N= # of sectors/group)
8E
47
0001
Temporary sector unprotect (1=supported)
90
48
0001
Sector protect/chip unprotect scheme
92
49
0004
Simultaneous R/W operation (0=not supported)
94
4A
0000
Burst mode type (0=not supported)
96
4B
0000
Page mode type (0=not supported)
98
4C
0000


Similar Part No. - MX29LV160BTXBI-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV160BTC-70 MCNIX-MX29LV160BTC-70 Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BTC-90 MCNIX-MX29LV160BTC-90 Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BTI-70 MCNIX-MX29LV160BTI-70 Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BTI-90 MCNIX-MX29LV160BTI-90 Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV160BTXBI-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV161T MCNIX-MX29LV161T Datasheet
995Kb / 58P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160AT MCNIX-MX29LV160AT Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX26LV160AT MCNIX-MX26LV160AT Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160 MCNIX-MX26LV160 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX28F160C3T MCNIX-MX28F160C3T Datasheet
417Kb / 44P
   16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV017A ETC1-MX29LV017A Datasheet
629Kb / 57P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE
logo
Elite Semiconductor Mem...
F25L016A ESMT-F25L016A_08 Datasheet
376Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com