Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV160BTXBI-90G Datasheet(PDF) 4 Page - Macronix International

Part # MX29LV160BTXBI-90G
Description  16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV160BTXBI-90G Datasheet(HTML) 4 Page - Macronix International

  MX29LV160BTXBI-90G Datasheet HTML 1Page - Macronix International MX29LV160BTXBI-90G Datasheet HTML 2Page - Macronix International MX29LV160BTXBI-90G Datasheet HTML 3Page - Macronix International MX29LV160BTXBI-90G Datasheet HTML 4Page - Macronix International MX29LV160BTXBI-90G Datasheet HTML 5Page - Macronix International MX29LV160BTXBI-90G Datasheet HTML 6Page - Macronix International MX29LV160BTXBI-90G Datasheet HTML 7Page - Macronix International MX29LV160BTXBI-90G Datasheet HTML 8Page - Macronix International MX29LV160BTXBI-90G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
4
P/N:PM1041
MX29LV160BT/BB
REV. 1.2, JUL. 01, 2004
R
Sector
Sector Size
Address range
Sector Address
Byte Mode Word Mode Byte Mode (x8) Word Mode (x16) A19 A18 A17 A16 A15 A14 A13 A12
SA0
16Kbytes
8Kwords
000000-003FFF
00000-01FFF
0000000
X
SA1
8Kbytes
4Kwords
004000-005FFF
02000-02FFF
0000001
0
SA2
8Kbytes
4Kwords
006000-007FFF
03000-03FFF
0000001
1
SA3
32Kbytes
16Kwords
008000-00FFFF
04000-07FFF
000001
X
X
SA4
64Kbytes
32Kwords
010000-01FFFF
08000-0FFFF
00001
X
X
X
SA5
64Kbytes
32Kwords
020000-02FFFF
10000-17FFF
00010
X
X
X
SA6
64Kbytes
32Kwords
030000-03FFFF
18000-1FFFF
00011
X
X
X
SA7
64Kbytes
32Kwords
040000-04FFFF
20000-27FFF
00100
X
X
X
SA8
64Kbytes
32Kwords
050000-05FFFF
28000-2FFFF
00101
X
X
X
SA9
64Kbytes
32Kwords
060000-06FFFF
30000-37FFF
00110
X
X
X
SA10
64Kbytes
32Kwords
070000-07FFFF
38000-3FFFF
00111
X
X
X
SA11
64Kbytes
32Kwords
080000-08FFFF
40000-47FFF
01000
X
X
X
SA12
64Kbytes
32Kwords
090000-09FFFF
48000-4FFFF
01001
X
X
X
SA13
64Kbytes
32Kwords
0A0000-0AFFFF 50000-57FFF
01010
X
X
X
SA14
64Kbytes
32Kwords
0B0000-0BFFFF 58000-5FFFF
01011
X
X
X
SA15
64Kbytes
32Kwords
0C0000-0CFFFF 60000-67FFF
01100
X
X
X
SA16
64Kbytes
32Kwords
0D0000-0DFFFF 68000-6FFFF
01101
X
X
X
SA17
64Kbytes
32Kwords
0E0000-0EFFFF 70000-77FFF
01110
X
X
X
SA18
64Kbytes
32Kwords
0F0000-0FFFFF 78000-7FFFF
01111
X
X
X
SA19
64Kbytes
32Kwords
100000-10FFFF
80000-87FFF
10000
X
X
X
SA20
64Kbytes
32Kwords
110000-11FFFF
88000-8FFFF
10001
X
X
X
SA21
64Kbytes
32Kwords
120000-12FFFF
90000-97FFF
10010
X
X
X
SA22
64Kbytes
32Kwords
130000-13FFFF
98000-9FFFF
10011
X
X
X
SA23
64Kbytes
32Kwords
140000-14FFFF
A0000-A7FFF
10100
X
X
X
SA24
64Kbytes
32Kwords
150000-15FFFF
A8000-AFFFF
10101
X
X
X
SA25
64Kbytes
32Kwords
160000-16FFFF
B0000-B7FFF
10110
X
X
X
SA26
64Kbytes
32Kwords
170000-17FFFF
B8000-BFFFF
10111
X
X
X
SA27
64Kbytes
32Kwords
180000-18FFFF
C0000-C7FFF
11000
X
X
X
SA28
64Kbytes
32Kwords
190000-19FFFF
C8000-CFFFF
11001
X
X
X
SA29
64Kbytes
32Kwords
1A0000-1AFFFF D0000-D7FFF
11010
X
X
X
SA30
64Kbytes
32Kwords
1B0000-1BFFFF D8000-DFFFF
11011
X
X
X
SA31
64Kbytes
32Kwords
1C0000-1CFFFF E0000-E7FFF
11100
X
X
X
SA32
64Kbytes
32Kwords
1D0000-1DFFFF E8000-EFFFF
11101
X
X
X
SA33
64Kbytes
32Kwords
1E0000-1EFFFF F0000-FFFFF
11110
X
X
X
SA34
64Kbytes
32Kwords
1F0000-1FFFFF F8000-FFFFF
11111
X
X
X
Table 2: MX29LV160BB SECTOR ARCHITECTURE
Note: Byte mode:address range A19:A-1, word mode:address range A19:A0.


Similar Part No. - MX29LV160BTXBI-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV160BTC-70 MCNIX-MX29LV160BTC-70 Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BTC-90 MCNIX-MX29LV160BTC-90 Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BTI-70 MCNIX-MX29LV160BTI-70 Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BTI-90 MCNIX-MX29LV160BTI-90 Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV160BTXBI-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV161T MCNIX-MX29LV161T Datasheet
995Kb / 58P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160AT MCNIX-MX29LV160AT Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX26LV160AT MCNIX-MX26LV160AT Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160 MCNIX-MX26LV160 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX28F160C3T MCNIX-MX28F160C3T Datasheet
417Kb / 44P
   16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV017A ETC1-MX29LV017A Datasheet
629Kb / 57P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE
logo
Elite Semiconductor Mem...
F25L016A ESMT-F25L016A_08 Datasheet
376Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com