Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4011BMT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CD4011BMT
Description  The CD4011B, CD4012B, and CD4023B types are supplied in 14-lead hermetic dual-in-line ceramic packages
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4011BMT Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD4011BMT Datasheet HTML 4Page - Texas Instruments CD4011BMT Datasheet HTML 5Page - Texas Instruments CD4011BMT Datasheet HTML 6Page - Texas Instruments CD4011BMT Datasheet HTML 7Page - Texas Instruments CD4011BMT Datasheet HTML 8Page - Texas Instruments CD4011BMT Datasheet HTML 9Page - Texas Instruments CD4011BMT Datasheet HTML 10Page - Texas Instruments CD4011BMT Datasheet HTML 11Page - Texas Instruments CD4011BMT Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - CD4011BMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4011BMT TI-CD4011BMT Datasheet
525Kb / 13P
[Old version datasheet]   CMOS NAND GATES
CD4011BMT TI1-CD4011BMT Datasheet
1Mb / 19P
[Old version datasheet]   CMOS NAND GATES
CD4011BMT TI1-CD4011BMT Datasheet
1Mb / 20P
[Old version datasheet]   CMOS NAND GATES
CD4011BMTE4 TI-CD4011BMTE4 Datasheet
525Kb / 13P
[Old version datasheet]   CMOS NAND GATES
More results

Similar Description - CD4011BMT

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N7334 SEME-LAB-2N7334 Datasheet
26Kb / 2P
   14 LEAD DUAL IN LINE QUAD
2N7336 SEME-LAB-2N7336 Datasheet
49Kb / 3P
   14 LEAD DUAL IN LINE QUAD
logo
Skyworks Solutions Inc.
DME SKYWORKS-DME Datasheet
1Mb / 20P
   Silicon Beam-Lead Schottky Mixer Diodes – Singles, Pairs, and Quads in Ceramic Hermetic Packages
April 18, 2017
logo
Japan Aviation Electron...
HB01S25H3P1 JAE-HB01S25H3P1 Datasheet
345Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
logo
National Semiconductor ...
J22A NSC-J22A Datasheet
67Kb / 1P
   22 Lead Ceramic Dual-in-Line Package
logo
EPCOS
B65808N1005D002 EPCOS-B65808N1005D002 Datasheet
344Kb / 13P
   RM cores are supplied in sets
B65805-P EPCOS-B65805-P Datasheet
89Kb / 2P
   RM cores are supplied in sets
logo
Japan Aviation Electron...
HB01S06K4P2 JAE-HB01S06K4P2 Datasheet
347Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
logo
EPCOS
B65807-P EPCOS-B65807-P Datasheet
90Kb / 2P
   RM cores are supplied in sets
B65811 EPCOS-B65811 Datasheet
236Kb / 9P
   RM cores are supplied in sets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com