Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6213 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6213
Description  Micropower, SC-70, 100mA CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6213 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6213 Datasheet HTML 1Page - Sipex Corporation SP6213 Datasheet HTML 2Page - Sipex Corporation SP6213 Datasheet HTML 3Page - Sipex Corporation SP6213 Datasheet HTML 4Page - Sipex Corporation SP6213 Datasheet HTML 5Page - Sipex Corporation SP6213 Datasheet HTML 6Page - Sipex Corporation SP6213 Datasheet HTML 7Page - Sipex Corporation SP6213 Datasheet HTML 8Page - Sipex Corporation SP6213 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Date: 08/10/05
SP6213, SP6214 Micropower, SC-70, 100mA CMOS LDO Regulator
© Copyright 2005 Sipex Corporation
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. The maximum allowable power dissipation at any T
A (ambient temperature) is PD (MAX) = (TJ (MAX)– TA) / θJA.
Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the
regulator will go into thermal shutdown. The θ
JA of the SP6213/4 (SC-70-5) is 330°C/W mounted on a PC
board with minimum copper area (see “Thermal Considerations” section for further details).
Note 4. Output voltage temperature coefficient is defined as the worst case voltage change divided by the total
temperature range.
Note 5. Load Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts
are tested for load regulation in the load range. Changes in output voltage due to heating effects are
covered by the thermal regulation specification.
Note 6. Dropout Voltage is defined as the input to output differential at which the output voltage drops 2% below
its nominal value measured at 0.5V differential. Not applicable to output voltages less than 2.7V.
Note 7. Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum
of the load current plus the ground pin current.
Note 8. Thermal regulation is defined as the change in output voltage at a time ”t” after a change in power
dissipation is applied, excluding load or line regulation effects. Specifications are for a 100mA load pulse
at V
IN = 6V for t = 10ms.
Note 9. Devices are ESD sensitive. Handling precautions are recommended.
R
E
T
E
M
A
R
A
PN
I
MP
Y
TX
A
MS
T
I
N
U
S
N
O
I
T
I
D
N
O
C
T
U
P
N
I
E
L
B
A
N
E
V
(
,
e
g
a
t
l
o
V
w
o
L
-
c
i
g
o
L
t
u
p
n
I
e
l
b
a
n
E
L
I )4
.
0V
n
w
o
d
t
u
h
S
r
o
t
a
l
u
g
e
R
V
(
,
e
g
a
t
l
o
V
h
g
i
H
-
c
i
g
o
L
t
u
p
n
I
e
l
b
a
n
E
H
I )6
.
1V
d
e
l
b
a
n
E
r
o
t
a
l
u
g
e
R
I
(
,
t
n
e
r
r
u
C
t
u
p
n
I
e
l
b
a
n
E
L
I
I
(
,
)
H
I )1
0
.
01
µA
V
L
I
<
V
4
.
0
1
0
.
01
µA
V
H
I
>
V
6
.
1
T
(
e
m
i
T
n
o
n
r
u
T
N
O )0
85
6
1
µs
I
T
U
O
A
m
0
5
=
T
(
e
m
i
T
f
f
o
n
r
u
T
N
F
O
)0
8
0
3
5
7
1
5
3
µs
I
T
U
O
A
µ
0
0
1
=
I
T
U
O
A
m
0
0
1
=
ELECTRICAL CHARACTERISTICS
V
IN = VOUT +0.5V, IL = 100µA, CIN = 1µF, COUT = 1µF, TJ = 25
°C , unless otherwise noted. The ♦ denotes the specifications which apply over
the full operating temperature range, unless otherwise specified.
PIN NUMBER
PIN NAME
SP6214 DESCRIPTION (FUNCTION)
1V
IN
Supply Input
2
GND
Ground Connection
3EN
Enable / Shutdown (Logic high=enable; logic low = shutdown)
4NC
No Connection
5V
OUT
Regulator Output
PIN DESCRIPTION
PIN NUMBER
PIN NAME
SP6213 DESCRIPTION (FUNCTION)
1EN
Enable / Shutdown (Logic high=enable; logic low = shutdown)
2NC
No Connection
3
GND
Ground Connection
4V
OUT
Regulator Output
5V
IN
Supply Input


Similar Part No. - SP6213

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6213 SIPEX-SP6213 Datasheet
696Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
logo
Exar Corporation
SP6213 EXAR-SP6213 Datasheet
278Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
SP6213EC5-1-8 EXAR-SP6213EC5-1-8 Datasheet
278Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
SP6213EC5-1-8/TR EXAR-SP6213EC5-1-8/TR Datasheet
278Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
logo
Sipex Corporation
SP6213EC5-1.8 SIPEX-SP6213EC5-1.8 Datasheet
696Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
More results

Similar Description - SP6213

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6213 SIPEX-SP6213 Datasheet
696Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
logo
Exar Corporation
SP6213 EXAR-SP6213 Datasheet
278Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
logo
Sipex Corporation
SP6213EC5-L-1-8 SIPEX-SP6213EC5-L-1-8 Datasheet
278Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
SP78LC00 SIPEX-SP78LC00 Datasheet
912Kb / 10P
   Micropower, 100mA CMOS LDO Regulator
logo
Exar Corporation
SP6201ER-L EXAR-SP6201ER-L Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5 EXAR-SP6201EM5 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5-L-5-0 EXAR-SP6201EM5-L-5-0 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
logo
Sipex Corporation
SP6200 SIPEX-SP6200 Datasheet
144Kb / 10P
   Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200 SIPEX-SP6200 Datasheet
426Kb / 17P
   Micropower, 100mA and 200mA CMOS LDO Regulators
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com