Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PALCE22V10-7 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # PALCE22V10-7
Description  Flash-erasable Reprogrammable CMOS PAL Device
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PALCE22V10-7 Datasheet(HTML) 4 Page - Cypress Semiconductor

  PALCE22V10-7 Datasheet HTML 1Page - Cypress Semiconductor PALCE22V10-7 Datasheet HTML 2Page - Cypress Semiconductor PALCE22V10-7 Datasheet HTML 3Page - Cypress Semiconductor PALCE22V10-7 Datasheet HTML 4Page - Cypress Semiconductor PALCE22V10-7 Datasheet HTML 5Page - Cypress Semiconductor PALCE22V10-7 Datasheet HTML 6Page - Cypress Semiconductor PALCE22V10-7 Datasheet HTML 7Page - Cypress Semiconductor PALCE22V10-7 Datasheet HTML 8Page - Cypress Semiconductor PALCE22V10-7 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PALCE22V10
USE ULTRA37000TM FOR
ALL NEW DESIGNS
Document #: 38-03027 Rev. *B
Page 4 of 13
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................–65
°C to +150°C
Ambient Temperature with
Power Applied.............................................–55
°C to +125°C
Supply Voltage to Ground Potential
(Pin 24 to Pin 12) ........................................... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High-Z State ............................................... –0.5V to +7.0V
DC Input Voltage ............................................ –0.5V to +7.0V
Output Current into Outputs (LOW)............................. 16 mA
DC Programming Voltage............................................. 12.5V
Latch-up Current..................................................... > 200 mA
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ............................ >2001V
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +75°C
5V
±5%
Industrial
–40
°C to +85°C5V ±10%
Military[1]
–55
°C to +125°C
5V
±10%
Electrical Characteristics Over the Operating Range[2]
Parameter
Description
Test Conditions
Min.
Max. Unit
VOH
Output HIGH Voltage
VCC = Min.,
VIN = VIH or VIL
IOH = –3.2 mA
Com’l
2.4
V
IOH = –2 mA
Mil/Ind
VOL
Output LOW Voltage
VCC = Min.,
VIN = VIH or VIL
IOL = 16 mA
Com’l
0.5
V
IOL = 12 mA
Mil/Ind
VIH
Input HIGH Level
Guaranteed Input Logical HIGH Voltage for All Inputs[3]
2.0
V
VIL
[4]
Input LOW Level
Guaranteed Input Logical LOW Voltage for All Inputs[3]
–0.5
0.8
V
IIX
Input Leakage Current
VSS < VIN < VCC, VCC = Max.
–10
10
µA
IOZ
Output Leakage Current
VCC = Max., VSS < VOUT < VCC
–40
40
µA
ISC
Output Short Circuit Current VCC = Max., VOUT = 0.5V
[5,6]
–30
–130 mA
ICC1
Standby Power Supply
Current
VCC = Max.,
VIN = GND,
Outputs Open in Unprogrammed
Device
10, 15, 25 ns
Com’l
90
mA
5, 7.5 ns
130
mA
15, 25 ns
Mil/Ind
120
mA
10 ns
120
mA
ICC2
[6]
Operating Power Supply
Current
VCC = Max., VIL = 0V, VIH = 3V,
Output Open, Device Programmed
as a 10-bit Counter,
f = 25 MHz
10, 15, 25 ns
Com’l
110
mA
5, 7.5 ns
Com’l
140
mA
15, 25 ns
Mil/Ind
130
mA
10 ns
Mil/Ind
130
mA
Capacitance[6]
Parameter
Description
Test Conditions
Min.
Max.
Unit
CIN
Input Capacitance
VIN = 2.0V @ f = 1 MHz
10
pF
COUT
Output Capacitance
VOUT = 2.0V @ f = 1 MHz
10
pF
Endurance Characteristics[6]
Parameter
Description
Test Conditions
Min.
Max.
Unit
N
Minimum Reprogramming Cycles
Normal Programming Conditions
100
Cycles
Notes:
1. TA is the “instant on” case temperature.
2. See the last page of this specification for Group A subgroup testing information.
3. These are absolute values with respect to device ground. All overshoots due to system or tester noise are included.
4. VIL (Min.) is equal to –3.0V for pulse durations less than 20 ns.
5. Not more than one output should be tested at a time. Duration of the short circuit should not be more than one second. VOUT = 0.5V has been chosen to avoid test problems
caused by tester ground degradation.
6. Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - PALCE22V10-7

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE22V10-7 CYPRESS-PALCE22V10-7 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10-7JC CYPRESS-PALCE22V10-7JC Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10-7PC CYPRESS-PALCE22V10-7PC Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
More results

Similar Description - PALCE22V10-7

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
352Kb / 14P
   Flash Erasable, Reprogrammable CMOS PAL Device
PAL20V8 CYPRESS-PAL20V8 Datasheet
287Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL Device
5962-8867004LA CYPRESS-5962-8867004LA Datasheet
337Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL Device
PALCE16V8 CYPRESS-PALCE16V8 Datasheet
300Kb / 13P
   Flash-Erasable Reprogrammable CMOS PAL Device
PALC22V10D CYPRESS-PALC22V10D Datasheet
684Kb / 11P
   FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE
PALCE20V8 CYPRESS-PALCE20V8_04 Datasheet
316Kb / 14P
   Flash-Erasable Reprogrammable CMOS PAL짰 Device
PALC22V10D CYPRESS-PALC22V10D_07 Datasheet
328Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10 CYPRESS-PALCE22V10_96 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
   Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com