Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY57V281620ET Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HY57V281620ET
Description  128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V281620ET Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HY57V281620ET Datasheet HTML 5Page - Hynix Semiconductor HY57V281620ET Datasheet HTML 6Page - Hynix Semiconductor HY57V281620ET Datasheet HTML 7Page - Hynix Semiconductor HY57V281620ET Datasheet HTML 8Page - Hynix Semiconductor HY57V281620ET Datasheet HTML 9Page - Hynix Semiconductor HY57V281620ET Datasheet HTML 10Page - Hynix Semiconductor HY57V281620ET Datasheet HTML 11Page - Hynix Semiconductor HY57V281620ET Datasheet HTML 12Page - Hynix Semiconductor HY57V281620ET Datasheet HTML 13Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Rev. 1.1 / Jan. 2005
11
Synchronous DRAM Memory 128Mbit (8Mx16bit)
HY57V281620E(L)T(P) Series
AC CHARACTERISTICS II (AC operating conditions unless otherwise noted)
Note: 1. A new command can be given tRRC after self refresh exit.
Parameter
Symbol
5
6
7
H
Unit Note
Min Max Min Max Min Max Min Max
RAS Cycle Time
Operation
tRC
55
-
60
-
63
-
63
-
ns
RAS Cycle Time
Auto Refresh
tRRC
55
-
60
-
63
-
63
-
ns
RAS to CAS Delay
tRCD
15
-
18
-
20
-
20
-
ns
RAS Active Time
tRAS
38.7 100K
42
100K
42
100K
42 120K ns
RAS Precharge Time
tRP
15
-
18
-
20
-
20
-
ns
RAS to RAS Bank Active Delay
tRRD
10
-
12
-
14
-
15
-
ns
CAS to CAS Delay
tCCD
1-1-1-
1
-
CLK
Write Command to
Data-In Delay
tWTL
0
-0
-0
-
0
-
CLK
Data-in to Precharge Command
tDPL
2-2-2-
2
-
CLK
Data-In to Active Command
tDAL
tDPL + tRP
DQM to Data-Out Hi-Z
tDQZ
2-2-2-
2
-
CLK
DQM to Data-In Mask
tDQM
0-0-0-
0
-
CLK
MRS to New Command
tMRD
2-2-2-
2
-
CLK
Precharge to Data
Output High-Z
CAS
Latency=3
tPROZ3
3-3-3-
3
-
CLK
CAS
Latency=2
tPROZ2
2-2-2-
2
-
CLK
Power Down Exit Time
tDPE
1-1-1-
1
-
CLK
Self Refresh Exit Time
tSRE
1-1-1-
1
-
CLK
1
Refresh Time
tREF
-64-64
-64
-
64
ms


Similar Part No. - HY57V281620ET

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V281620A HYNIX-HY57V281620A Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620ALT-6 HYNIX-HY57V281620ALT-6 Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620ALT-7 HYNIX-HY57V281620ALT-7 Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620ALT-8 HYNIX-HY57V281620ALT-8 Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620ALT-H HYNIX-HY57V281620ALT-H Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
More results

Similar Description - HY57V281620ET

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H57V1262GFR-50X HYNIX-H57V1262GFR-50X Datasheet
256Kb / 12P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
H57V1262GTR-50X HYNIX-H57V1262GTR-50X Datasheet
205Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
H57V2562GTR-60C HYNIX-H57V2562GTR-60C Datasheet
234Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
H57V2562GTR-60I HYNIX-H57V2562GTR-60I Datasheet
234Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
HY57V641620ET HYNIX-HY57V641620ET Datasheet
117Kb / 13P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
HY5V66EF6 HYNIX-HY5V66EF6 Datasheet
959Kb / 12P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
H57V2562GFR-60C HYNIX-H57V2562GFR-60C Datasheet
279Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
H57V2582GTR-60C HYNIX-H57V2582GTR-60C Datasheet
228Kb / 22P
   256Mb Synchronous DRAM based on 8M x 4Bank x8 I/O
H55S1262EFP-60E HYNIX-H55S1262EFP-60E Datasheet
733Kb / 54P
   128MBit MOBILE SDR SDRAMs based on 2M x 4Bank x16 I/O
H57V2582GTR-60I HYNIX-H57V2582GTR-60I Datasheet
229Kb / 22P
   256Mb Synchronous DRAM based on 8M x 4Bank x8 I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com