Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6948V Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM6948V
Description  1200 bps Single Chip MSK Modem
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6948V Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM6948V Datasheet HTML 3Page - OKI electronic componets MSM6948V Datasheet HTML 4Page - OKI electronic componets MSM6948V Datasheet HTML 5Page - OKI electronic componets MSM6948V Datasheet HTML 6Page - OKI electronic componets MSM6948V Datasheet HTML 7Page - OKI electronic componets MSM6948V Datasheet HTML 8Page - OKI electronic componets MSM6948V Datasheet HTML 9Page - OKI electronic componets MSM6948V Datasheet HTML 10Page - OKI electronic componets MSM6948V Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
¡ Semiconductor
MSM6948/6948V
7/13
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
VDD
–0.3 to 7.0
V
Analog Input Voltage *1
VIA
–0.3 to VDD + 0.3
Digital Input Voltage *2
VID
–0.3 to VDD + 0.3
Operating Temperature
Top
–25 to 70
Storage Temperature
TSTG
–55 to 150
Ta = 25°C
With respect to AG and DG
°C
*1 TI, AI
*2 ME, SD, CF, CT, FT
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Typ.
Unit
Operating Temperature
Min.
Max.
VDD
With respect to AG and DG
5
4.75
5.25
AG, DG
0
——
Power Supply Voltage
V
Top
—25
–25
70
°C
Crystal Resonant Frequency
fX' TAL
3.6864
3.6860
3.6868
MHz
Data Speed
TS
1200
bit/sec
C1
2.2
——
C2, C6
0.1
——
C3
0.047
——
mF
C4
RLX ≥ 100 kW
0.01
——
C5
0.047
——
25 ±5°C
–100
+100
Frequency Deviation
At –40°C to +85°C
–100
+100
ppm
Temperature
Characteristics
100
W
Equivalent Series
Resistance
16
——
pF
Load Capacitance


Similar Part No. - MSM6948V

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6946 OKI-MSM6946 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
MSM6947 OKI-MSM6947 Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
MSM6947GS-K OKI-MSM6947GS-K Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
MSM6947RS OKI-MSM6947RS Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
More results

Similar Description - MSM6948V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB87002 FUJITSU-MB87002 Datasheet
694Kb / 15P
   1200 BPS MSK MODEM
logo
OKI electronic componet...
MSM6882-3 OKI-MSM6882-3 Datasheet
119Kb / 15P
   2400/1200 bps Single Chip MSK Modem
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
logo
List of Unclassifed Man...
XE1276 ETC-XE1276 Datasheet
97Kb / 10P
   Compact 1200 bps Modem
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
ML7020 OKI-ML7020 Datasheet
125Kb / 19P
   1200 bps MODEM for Remote Control Systems
logo
Epson Company
STC9492C EPSON-STC9492C Datasheet
615Kb / 12P
   CMOS 1,200 bps PSK SINGLE CHIP MODEM
logo
OKI electronic componet...
MSM7532 OKI-MSM7532 Datasheet
154Kb / 21P
   Single Chip MSK Modem with Compandor for Cordless Telephone
MSM7557 OKI-MSM7557 Datasheet
153Kb / 25P
   Single Chip MSK Modem with Compandor for Cordless Telephone
MSM7512B OKI-MSM7512B Datasheet
111Kb / 12P
   1200 bps Half Duplex FSK Modem - ITU-T V.23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com