Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZJSR5101-333 Datasheet(PDF) 1 Page - TDK Electronics

Part # ZJSR5101-333
Description  3-TERMINAL FILTERS FOR SIGNAL LINE AND DC POWER LINE LEAD(ROUND)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ZJSR5101-333 Datasheet(HTML) 1 Page - TDK Electronics

  ZJSR5101-333 Datasheet HTML 1Page - TDK Electronics ZJSR5101-333 Datasheet HTML 2Page - TDK Electronics ZJSR5101-333 Datasheet HTML 3Page - TDK Electronics ZJSR5101-333 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• All specifications are subject to change without notice.
(1/4)
001-01 / 20030823 / e9632_zj.fm
EMC Components
ZJSR Series
3-Terminal Filters for Signal Line and DC Power Line
Lead(Round)
FEATURES
• The ZJSR series combine TDK’s high performance ferrite bead
and a chip capacitor. This board mounted EMC filter is used to
prevent microcomputer operational errors and stop noise
generation. Most suitable for use in countering radio noise
generated by digital circuits.
• SIP shape with 2.4mm max. thickness, making possible high
density mounting upon a PCB in a row at DIP pitch.
• When using taped product, possible to mount using automatic
equipment.
• Excellent high frequency bypass performance due to short
earth-side capacitor lead.
PRODUCT IDENTIFICATION
(1)Series name
(2)Capacitance 101:100pF
(3)Packaging style TA: Taping
(not needed for specification of bulk products)
SHAPES AND DIMENSIONS
TAPING SPECIFICATIONS
BULK SPECIFICATIONS
CIRCUIT DIAGRAM
TYPICAL MOUNTING EXAMPLE
APPLICATIONS
Home electronic equipment, (TVs, VCRs, CD players, DAT play-
ers, electric musical instruments, PCs, etc.), office automation
equipment (computers, terminals, stand-alone word processors,
fax machines, etc.), factory automation equipment (robots, numeri-
cal control devices, process controllers, etc.), automotive electron-
ics (automotive engine control units, etc.)
BASIC CHARACTERISTICS
• This product should not be used under conditions that exceed those
listed above.
• Please note that this product is an EMC filter, so should not be used as a
surge absorber, etc.
Dimensions in mm
• The tolerance of lead pitch is the dimensions when a lead is released
from tape. Not available for bulk packaging.
ZJSR5101 - 101 TA
(1)
(2) (3)
F1
F2
øD0
P0
(P1)
ød2
ød2
ød1
A1
P
Marking
∆h
∆h
T
13
2
2: Ground terminal
Bead cores
Chip capacitor
3
f1 f 2
2
1
2.54mm pitch
ZJSR series
IC LSI
Series
ZJSR
Rated voltage Edc
50V
Rated current
5A
Withstand voltage Edc
[Between terminal, No.1, 3 to 2]
125V
Insulation resistance
[DC. 50V for 1 min]
10000M
Ω min.
DC resistance[Terminal No.1 to 3]
0.05
Ω max.
Operating temperature range
–25 to +85°C
Series
ZJSR
Component width
A1
8.5max.
Component height
A
8max.
Component thickness
T
2.4max.
Lead wire diameter
(round)
ød1
0.5±0.05
ød2
0.6±0.05
Component pitch
P
12.7±1
Feed hole pitch
P0
12.7±0.3
Feed hole position error
P1
6.35±0.4
Lead pitch
F1, F2
2.5+0.4, –0.1
Component alignment
∆h
0±2
Tape width
W
18+1, –0.5
Cover tape width
W0
12±0.3
Feed hole position error
W1
9±0.5
Cover tape position
(W2)
(4max.)
Component bottom position
H
20±1
Maximum component height
H1
28max.
Feed hole diameter
øD0
4±0.2
Lead wire protrusion
l1
0.5max.
Lead wire length
l
5±1.5
Lead pitch
f1, f2
2.5±0.5


Similar Description - ZJSR5101-333

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACF321825 ETC-ACF321825 Datasheet
234Kb / 2P
   3-Terminal Filters for Signal Line and DC Power Line SMD
logo
TDK Electronics
ACF321825-223-T TDK-ACF321825-223-T Datasheet
66Kb / 2P
   3-Terminal Filters for Signal Line and DC Power Line SMD
ZJK TDK-ZJK Datasheet
64Kb / 2P
   3-terminal Filters(SIP) For Signal Line / Power Line
YFF15SC TDK-YFF15SC Datasheet
249Kb / 10P
   3-terminal filters For signal line
MEM2012SC TDK-MEM2012SC Datasheet
165Kb / 4P
   3-terminal filters Signal line
MEM2012S TDK-MEM2012S Datasheet
161Kb / 4P
   3-terminal filters Signal line
MEM2012V TDK-MEM2012V Datasheet
175Kb / 4P
   3-terminal filters Signal line
MEM2012F TDK-MEM2012F Datasheet
166Kb / 4P
   3-terminal filters Signal line
MEM2012T50R0 TDK-MEM2012T50R0 Datasheet
42Kb / 2P
   3-terminal Filters(SMD) For Signal Line
MEM2012T-S1 TDK-MEM2012T-S1 Datasheet
39Kb / 2P
   3-terminal Filters(SMD) For Signal Line
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com