Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7502 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM7502
Description  Multi-Function PCM CODEC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7502 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM7502 Datasheet HTML 1Page - OKI electronic componets MSM7502 Datasheet HTML 2Page - OKI electronic componets MSM7502 Datasheet HTML 3Page - OKI electronic componets MSM7502 Datasheet HTML 4Page - OKI electronic componets MSM7502 Datasheet HTML 5Page - OKI electronic componets MSM7502 Datasheet HTML 6Page - OKI electronic componets MSM7502 Datasheet HTML 7Page - OKI electronic componets MSM7502 Datasheet HTML 8Page - OKI electronic componets MSM7502 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
¡ Semiconductor
MSM7502
2/35
BLOCK DIAGRAM
++
+
TPAI
CAO
TPAO
20 dB
VOL 9
VOL 8
MPAI
MPAO
MPBO
TO
TPBI
MPBI
MLDYI
SW 1
SW 2
SW 12
SW 7
SW 16
0 dB
AIN
AOUT
VOL 10
VOL 1
PLL
PB GEN.
R-TONE GEN.
F-TONE GEN.
S-TONE GEN.
WAMBLE TONE
1 kHz
Latch
VLCD GEN.
KEY INTF
SCANNING OUTPUT
SCANNING INPUT
1000 Hz
800 Hz
400 Hz
400
425
440
450
400*16
400*20
VOL 2
–8.7 dB
0 dB
VOL 7
SW 5
SW 5
SW 10
VOL 6
VOL 5
–22 dB
VOL 11
VOL 12
VOL 13
SW 21
SW 15
SW 11
SW 20
SW 19
SG GEN.
VA
VD
AG
DG
SGT
SGC
PO0 to PO7
PI0 to PI7
0 dB
0 dB
–3 dB
–6.8 dB
SW 6
SW 8
SW 18
SW 3
SW 4
SW 17
SW 14
SW 13
SW 9
0 dB
m/A
CODEC
5.7 dB
VOL 3
VOL 4
CAI
R1I
R2I
RPO
RMI
RMO0
RMO1
SPI
SPO
SA0
SA1
PCMOUT
PCMIN
BCLOCK
XSYNC
RSYNC
WRN
RDN
CEN
RESETN
D0 to D7
AD0
AD1
INTT
TIMEN
LA
LB
LML
VLCD


Similar Part No. - MSM7502

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7503 OKI-MSM7503 Datasheet
242Kb / 41P
   Multi-Function PCM CODEC
MSM7503GS-BK OKI-MSM7503GS-BK Datasheet
242Kb / 41P
   Multi-Function PCM CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7507-01GS-K OKI-MSM7507-01GS-K Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7507-01MS-K OKI-MSM7507-01MS-K Datasheet
139Kb / 18P
   Single Rail CODEC
More results

Similar Description - MSM7502

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7575 OKI-MSM7575 Datasheet
261Kb / 26P
   Multi-Function PCM CODEC
MSM7503 OKI-MSM7503 Datasheet
242Kb / 41P
   Multi-Function PCM CODEC
MSM6895 OKI-MSM6895 Datasheet
224Kb / 43P
   Multi-Function PCM CODEC
MSM7590L-01 OKI-MSM7590L-01 Datasheet
173Kb / 26P
   Multi-Function ADPCM CODEC
MSM7570-01 OKI-MSM7570-01 Datasheet
173Kb / 26P
   Multi-Function ADPCM CODEC
MSM7570L-01 OKI-MSM7570L-01 Datasheet
174Kb / 26P
   Multi-Function ADPCM CODEC
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com