Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY57V281620ELT Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HY57V281620ELT
Description  128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V281620ELT Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HY57V281620ELT Datasheet HTML 3Page - Hynix Semiconductor HY57V281620ELT Datasheet HTML 4Page - Hynix Semiconductor HY57V281620ELT Datasheet HTML 5Page - Hynix Semiconductor HY57V281620ELT Datasheet HTML 6Page - Hynix Semiconductor HY57V281620ELT Datasheet HTML 7Page - Hynix Semiconductor HY57V281620ELT Datasheet HTML 8Page - Hynix Semiconductor HY57V281620ELT Datasheet HTML 9Page - Hynix Semiconductor HY57V281620ELT Datasheet HTML 10Page - Hynix Semiconductor HY57V281620ELT Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Rev. 1.1 / Jan. 2005
7
Synchronous DRAM Memory 128Mbit (8Mx16bit)
HY57V281620E(L)T(P) Series
ABSOLUTE MAXIMUM RATING
DC OPERATING CONDITION (TA= 0 to 70oC)
Note: 1. All voltages are referenced to VSS = 0V
2. VIH(max) is acceptable 5.6V AC pulse width with <=3ns of duration.
3. VIL(min) is acceptable -2.0V AC pulse width with <=3ns of duration
AC OPERATING TEST CONDITION (TA= 0 to 70 oC, VDD=3.3±0.3V, VSS=0V)
Note 1.
Parameter
Symbol
Rating
Unit
Ambient Temperature
TA
0 ~ 70
oC
Storage Temperature
TSTG
-55 ~ 125
oC
Voltage on Any Pin relative to VSS
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD relative to VSS
VDD, VDDQ
-1.0 ~ 4.6
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD
1
W
Soldering Temperature / Time
TSOLDER
260 / 10
oC / Sec
Parameter
Symbol
Min.
Typ
Max
Unit
Note
Power Supply Voltage
VDD, VDDQ
3.0
3.3
3.6
V
1
Input High Voltage
VIH
2.0
3.0
VDDQ + 0.3
V
1, 2
Input Low Voltage
VIL
-0.3
-
0.8
V
1, 3
Parameter
Symbol
Value
Unit
Note
AC Input High / Low Level Voltage
VIH / VIL
2.4 / 0.4
V
Input Timing Measurement Reference Level Voltage
Vtrip
1.4
V
Input Rise / Fall Time
tR / tF
1ns
Output Timing Measurement Reference Level Voltage
Voutref
1.4
V
Output Load Capacitance for Access Time Measurement
CL
50
pF
1
Z0 = 50
Output
Output
Vtt = 1.4V
50pF
RT = 50
Vtt = 1.4V
50pF
DC Output Load Circuit
AC Output Load Circuit
RT = 500


Similar Part No. - HY57V281620ELT

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V281620A HYNIX-HY57V281620A Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620ALT-6 HYNIX-HY57V281620ALT-6 Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620ALT-7 HYNIX-HY57V281620ALT-7 Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620ALT-8 HYNIX-HY57V281620ALT-8 Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620ALT-H HYNIX-HY57V281620ALT-H Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
More results

Similar Description - HY57V281620ELT

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H57V1262GFR-50X HYNIX-H57V1262GFR-50X Datasheet
256Kb / 12P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
H57V1262GTR-50X HYNIX-H57V1262GTR-50X Datasheet
205Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
H57V2562GTR-60C HYNIX-H57V2562GTR-60C Datasheet
234Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
H57V2562GTR-60I HYNIX-H57V2562GTR-60I Datasheet
234Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
HY57V641620ET HYNIX-HY57V641620ET Datasheet
117Kb / 13P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
HY5V66EF6 HYNIX-HY5V66EF6 Datasheet
959Kb / 12P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
H57V2562GFR-60C HYNIX-H57V2562GFR-60C Datasheet
279Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
H57V2582GTR-60C HYNIX-H57V2582GTR-60C Datasheet
228Kb / 22P
   256Mb Synchronous DRAM based on 8M x 4Bank x8 I/O
H55S1262EFP-60E HYNIX-H55S1262EFP-60E Datasheet
733Kb / 54P
   128MBit MOBILE SDR SDRAMs based on 2M x 4Bank x16 I/O
H57V2582GTR-60I HYNIX-H57V2582GTR-60I Datasheet
229Kb / 22P
   256Mb Synchronous DRAM based on 8M x 4Bank x8 I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com