Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY57V281620ELT Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY57V281620ELT
Description  128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V281620ELT Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY57V281620ELT Datasheet HTML 5Page - Hynix Semiconductor HY57V281620ELT Datasheet HTML 6Page - Hynix Semiconductor HY57V281620ELT Datasheet HTML 7Page - Hynix Semiconductor HY57V281620ELT Datasheet HTML 8Page - Hynix Semiconductor HY57V281620ELT Datasheet HTML 9Page - Hynix Semiconductor HY57V281620ELT Datasheet HTML 10Page - Hynix Semiconductor HY57V281620ELT Datasheet HTML 11Page - Hynix Semiconductor HY57V281620ELT Datasheet HTML 12Page - Hynix Semiconductor HY57V281620ELT Datasheet HTML 13Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Rev. 1.1 / Jan. 2005
9
Synchronous DRAM Memory 128Mbit (8Mx16bit)
HY57V281620E(L)T(P) Series
DC CHARACTERISTICS II (TA= 0 to 70oC)
Note: 1. IDD1 and IDD4 depend on output loading and cycle rates. Specified values are measured with the output open
2. Min. of tRRC (Refresh RAS cycle time) is shown at AC CHARACTERISTICS II
3. HY57V281620ET(P) Series: Normal Power
HY57V281620ELT(P) Series: Low Power
Parameter
Sym-
bol
Test Condition
Speed
Unit Note
5
6
7
H
Operating Current
IDD1
Burst length=1, One bank active
tRC
≥ tRC(min), IOL=0mA
120
110
100
100 mA
1
Precharge Standby Current
in Power Down Mode
IDD2P
CKE
≤ VIL(max), tCK = 15ns
2
mA
IDD2PS CKE
≤ VIL(max), tCK = ∞
2mA
Precharge Standby Current
in Non Power Down Mode
IDD2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCK =
15ns
Input signals are changed one time dur-
ing 2clks.
All other pins
≥ VDD-0.2V or ≤ 0.2V
18
mA
IDD2NS
CKE
≥ VIH(min), tCK = ∞
Input signals are stable.
15
Active Standby Current
in Power Down Mode
IDD3P
CKE
≤ VIL(max), tCK = 15ns
3
mA
IDD3PS CKE
≤ VIL(max), tCK = ∞
3
Active Standby Current
in Non Power Down Mode
IDD3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCK =
15ns
Input signals are changed one time dur-
ing 2clks.
All other pins
≥ VDD-0.2V or ≤ 0.2V
40
mA
IDD3NS
CKE
≥ VIH(min), tCK = ∞
Input signals are stable.
35
Burst Mode Operating Cur-
rent
IDD4
tCK
≥ tCK(min), IOL=0mA
All banks active
120
110
100
100 mA
1
Auto Refresh Current
IDD5
tRC
≥ tRC(min), All banks active
210
200
190
190 mA
2
Self Refresh Current
IDD6
CKE
≤ 0.2V
Normal
2mA
3
Low power
800
uA


Similar Part No. - HY57V281620ELT

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V281620A HYNIX-HY57V281620A Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620ALT-6 HYNIX-HY57V281620ALT-6 Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620ALT-7 HYNIX-HY57V281620ALT-7 Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620ALT-8 HYNIX-HY57V281620ALT-8 Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620ALT-H HYNIX-HY57V281620ALT-H Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
More results

Similar Description - HY57V281620ELT

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H57V1262GFR-50X HYNIX-H57V1262GFR-50X Datasheet
256Kb / 12P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
H57V1262GTR-50X HYNIX-H57V1262GTR-50X Datasheet
205Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
H57V2562GTR-60C HYNIX-H57V2562GTR-60C Datasheet
234Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
H57V2562GTR-60I HYNIX-H57V2562GTR-60I Datasheet
234Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
HY57V641620ET HYNIX-HY57V641620ET Datasheet
117Kb / 13P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
HY5V66EF6 HYNIX-HY5V66EF6 Datasheet
959Kb / 12P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
H57V2562GFR-60C HYNIX-H57V2562GFR-60C Datasheet
279Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
H57V2582GTR-60C HYNIX-H57V2582GTR-60C Datasheet
228Kb / 22P
   256Mb Synchronous DRAM based on 8M x 4Bank x8 I/O
H55S1262EFP-60E HYNIX-H55S1262EFP-60E Datasheet
733Kb / 54P
   128MBit MOBILE SDR SDRAMs based on 2M x 4Bank x16 I/O
H57V2582GTR-60I HYNIX-H57V2582GTR-60I Datasheet
229Kb / 22P
   256Mb Synchronous DRAM based on 8M x 4Bank x8 I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com