Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX257MTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74LCX257MTR
Description  LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS (3-STATE)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX257MTR Datasheet(HTML) 5 Page - STMicroelectronics

  74LCX257MTR Datasheet HTML 1Page - STMicroelectronics 74LCX257MTR Datasheet HTML 2Page - STMicroelectronics 74LCX257MTR Datasheet HTML 3Page - STMicroelectronics 74LCX257MTR Datasheet HTML 4Page - STMicroelectronics 74LCX257MTR Datasheet HTML 5Page - STMicroelectronics 74LCX257MTR Datasheet HTML 6Page - STMicroelectronics 74LCX257MTR Datasheet HTML 7Page - STMicroelectronics 74LCX257MTR Datasheet HTML 8Page - STMicroelectronics 74LCX257MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
74LCX257
5/13
Table 7: Dynamic Switching Characteristics
1) Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is
measured in the LOW state.
Table 8: AC Electrical Characteristics
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|)
2) Parameter guaranteed by design
Table 9: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per
channel)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25 °C
Min.
Typ.
Max.
VOLP
Dynamic Low Level Quiet
Output (note 1)
3.3
CL = 50pF
VIL = 0V, VIH = 3.3V
0.8
V
VOLV
-0.8
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
RL
(
Ω)
ts = tr
(ns)
-40 to 85 °C
-55 to 125 °C
Min.
Max.
Min.
Max.
tPLH tPHL
Propagation Delay
Time (A, B to Y)
2.7
50
500
2.5
1.5
6.5
1.5
6.5
ns
3.0 to 3.6
1.5
6.0
1.5
6.0
tPLH tPHL
Propagation Delay
Time (SELECT to Y)
2.7
50
500
2.5
1.5
8.5
1.5
8.5
ns
3.0 to 3.6
1.5
7.0
1.5
7.0
tPZL tPZH
Output Enable Time
2.7
50
500
2.5
1.5
8.5
1.5
8.5
ns
3.0 to 3.6
1.5
7.0
1.5
7.0
tPLZ tPHZ
Output Disable Time
2.7
50
500
2.5
1.5
6.0
1.5
6.0
ns
3.0 to 3.6
1.5
5.5
1.5
5.5
tOSLH
tOSHL
Output To Output
Skew Time (note1,
2)
3.0 to 3.6
50
500
2.5
1.0
1.0
ns
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25 °C
Min.
Typ.
Max.
CIN
Input Capacitance
3.3
VIN = 0 to VCC
7pF
COUT
Output Capacitance
3.3
VIN = 0 to VCC
8pF
CPD
Power Dissipation Capacitance
(note 1)
3.3
fIN = 10MHz
VIN = 0 or VCC
25
pF


Similar Part No. - 74LCX257MTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX257MTC FAIRCHILD-74LCX257MTC Datasheet
100Kb / 9P
   Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs and Outputs
74LCX257MTC FAIRCHILD-74LCX257MTC Datasheet
103Kb / 9P
   Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
logo
ON Semiconductor
74LCX257MTC ONSEMI-74LCX257MTC Datasheet
207Kb / 11P
   Low Voltage Quad 2-Input Multiplexer
Revised September 2000
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
   Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
More results

Similar Description - 74LCX257MTR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX257F TOSHIBA-TC74LCX257F Datasheet
298Kb / 9P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LVX257 STMICROELECTRONICS-74LVX257 Datasheet
258Kb / 10P
   LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS
74LVX257 STMICROELECTRONICS-74LVX257_04 Datasheet
332Kb / 13P
   LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74LCX157F TOSHIBA-TC74LCX157F Datasheet
302Kb / 9P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ157FK TOSHIBA-TC7MZ157FK Datasheet
226Kb / 7P
   LOW-VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LCX157 STMICROELECTRONICS-74LCX157 Datasheet
321Kb / 17P
   Low voltage CMOS Quad 2 channel multiplexer with 5V tolerant inputs
logo
Fairchild Semiconductor
74LCX257 FAIRCHILD-74LCX257 Datasheet
100Kb / 9P
   Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX257F TOSHIBA-TC74LCX257F_12 Datasheet
223Kb / 10P
   Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
TC74LCX257F TOSHIBA-TC74LCX257F_07 Datasheet
249Kb / 10P
   Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX125 STMICROELECTRONICS-74LCX125_06 Datasheet
241Kb / 16P
   Low voltage CMOS quad bus buffer (3-State) with 5V tolerant inputs and outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com