Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6997V Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM6997V
Description  Single Chip CODEC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6997V Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM6997V Datasheet HTML 6Page - OKI electronic componets MSM6997V Datasheet HTML 7Page - OKI electronic componets MSM6997V Datasheet HTML 8Page - OKI electronic componets MSM6997V Datasheet HTML 9Page - OKI electronic componets MSM6997V Datasheet HTML 10Page - OKI electronic componets MSM6997V Datasheet HTML 11Page - OKI electronic componets MSM6997V Datasheet HTML 12Page - OKI electronic componets MSM6997V Datasheet HTML 13Page - OKI electronic componets MSM6997V Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
¡ Semiconductor
MSM6996H/6996V/6997H/6997V/6998/6999
10/21
ELECTRICAL CHARACTERISTICS
DC and Digital Interface Characteristics
* : The upper is specified for the MSM6996/MSM6997 and the lower for the MSM6998/MSM6999
(VDD = +5 V ±5%, VSS = –5 V ±5%, Ta = 0°C to 70˚C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power Supply Current
Power Supply Current
(Stand-by)
IDD1
ISS1
IDD2
ISS2
Input High Voltage
VIH
XCLOCK, RCLOCK
2048 kHz
7.0
12
mA
6.5
12
3.0
mA
1.5
2.2
V
Input Low Voltage
VIL
V
IIH
< 0.5
2.0
m
A
Input Leakage Current
IIL
< 0.2
0.5
Output Leakage Current
IOH
—< 5
10
m
A
Analog Output Offset Voltage
VOFF
–150
0
+150
mV
Input Capacitance
CIN
—5
pF
RIN
—1
MW
fIN < 3.4 kHz
Analog Input Resistance
(Operating)
0.8
0.1
0.4
V
Output Low Voltage
VOL
*
14
14
*


Similar Part No. - MSM6997V

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
MSM6927GS-2K OKI-MSM6927GS-2K Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
MSM6927GS-K OKI-MSM6927GS-K Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
MSM6927RS OKI-MSM6927RS Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
More results

Similar Description - MSM6997V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB6026A FUJITSU-MB6026A Datasheet
1Mb / 19P
   SINGLE CHIP CODEC WITH FILTERS
logo
Hitachi Semiconductor
HD44231P HITACHI-HD44231P Datasheet
671Kb / 11P
   SINGLE CHIP CODEC WITH FILTERS(COMBO)
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Harris Corporation
CD22354A HARRIS-CD22354A Datasheet
55Kb / 10P
   CMOS Single-Chip, Full-Feature PCM CODEC
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com