Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD414-100 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # SD414-100
Description  High Efficiency Serial LED Driver with 30V Integrated Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SD414-100 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  SD414-100 Datasheet HTML 1Page - Fairchild Semiconductor SD414-100 Datasheet HTML 2Page - Fairchild Semiconductor SD414-100 Datasheet HTML 3Page - Fairchild Semiconductor SD414-100 Datasheet HTML 4Page - Fairchild Semiconductor SD414-100 Datasheet HTML 5Page - Fairchild Semiconductor SD414-100 Datasheet HTML 6Page - Fairchild Semiconductor SD414-100 Datasheet HTML 7Page - Fairchild Semiconductor SD414-100 Datasheet HTML 8Page - Fairchild Semiconductor SD414-100 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.fairchildsemi.com
FAN5330 Rev. 1.0.1
Electrical Characteristics
Test Circuit
Figure 3. Test Circuit
Unless otherwise noted, VIN = 3.6V, ILED = 20mA, TA = -40°C to 85°C, Typical values are at TA = 25°C, Test
Circuit, Figure 3.
Parameter
Conditions
Min.
Typ.
Max.
Units
Feedback Voltage
99
110
121
mV
Switch Current Limit
VIN = 3.2V
1.1
1.5
A
Load Current Capability
VOUT ≤ 20V VIN = 3.2V
35
mA
Switch On-resistance
VIN = 5V
0.6
VIN = 3.6V
0.7
Quiescent Current
VSHDN = 3.6V, No Switching
0.6
mA
OFF Mode Current
VSHDN = 0V
0.1
3
µA
Shutdown Threshold
Device ON
1.5
V
Device OFF
0.5
V
Shutdown Pin Bias Current
VSHDN = 0V or VSHDN = 5.5V
1
300
nA
Feedback Pin Bias Current
1
300
nA
Feedback Voltage Line Regulation
2.7V < VIN < 5.5V, VOUT ≤ 20V
0.3
%
Switching Frequency
1.25
1.5
1.75
MHz
Maximum Duty Cycle
87
93
%
Switch Leakage Current
No Switching, VIN = 5.5V
1
µA
OVP
15
%
Thermal Shutdown Temperature
150
°C
SHDN
VIN
VOUT
R
GND
VIN
FB
SW
CIN
10
µH
1
3
2
4
5
10
µF
COUT
L
BAT54
ILED
1
µF
ON
OFF
Electronic Load


Similar Part No. - SD414-100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SD4145 MICROSEMI-SD4145 Datasheet
117Kb / 2P
   30 Amp Schottky Rectifier
logo
TRANSYS Electronics Lim...
SD4145 TEL-SD4145 Datasheet
118Kb / 2P
   SCHOTTKY DIODES STUD TYPE 30 A
logo
Naina Semiconductor ltd...
SD4145 NAINA-SD4145 Datasheet
121Kb / 2P
   Schottky Power Diode, 30A
logo
GeneSiC Semiconductor, ...
SD4145 GENESIC-SD4145 Datasheet
784Kb / 3P
   Silicon Power Schottky Diode
logo
TRANSYS Electronics Lim...
SD4145R TEL-SD4145R Datasheet
118Kb / 2P
   SCHOTTKY DIODES STUD TYPE 30 A
More results

Similar Description - SD414-100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5333A FAIRCHILD-FAN5333A Datasheet
538Kb / 11P
   High Efficiency, High Current Serial LED Driver with 30V Integrated Switch
FAN5332A FAIRCHILD-FAN5332A Datasheet
549Kb / 9P
   High Efficiency, High Current Serial LED Driver and OLED Supply with 30V Integrated Switch
FAN5331 FAIRCHILD-FAN5331_05 Datasheet
582Kb / 10P
   High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
   HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
logo
Shenzhen Huazhimei Semi...
HM5665A HMSEMI-HM5665A Datasheet
499Kb / 4P
   High Efficiency 1.2MHz 30V BOOST LED Driver
logo
SHANGHAI BELLING CO., L...
BL8040 BELLING-BL8040 Datasheet
537Kb / 4P
   High Efficiency 1.2MHz 30V Boost LED Driver
logo
Diodes Incorporated
AL8805 DIODES-AL8805 Datasheet
631Kb / 16P
   HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
DS35030 Rev. 1 - 2
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
ACE Technology Co., LTD...
ACE715C ACE-ACE715C Datasheet
580Kb / 6P
   High Efficiency 1.2MHz 30V Boost LED Driver
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com