Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7509B Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM7509B
Description  Single Rail CODEC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7509B Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM7509B Datasheet HTML 6Page - OKI electronic componets MSM7509B Datasheet HTML 7Page - OKI electronic componets MSM7509B Datasheet HTML 8Page - OKI electronic componets MSM7509B Datasheet HTML 9Page - OKI electronic componets MSM7509B Datasheet HTML 10Page - OKI electronic componets MSM7509B Datasheet HTML 11Page - OKI electronic componets MSM7509B Datasheet HTML 12Page - OKI electronic componets MSM7509B Datasheet HTML 13Page - OKI electronic componets MSM7509B Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
¡ Semiconductor
MSM7508B/7509B
10/17
AC Characteristics (Continued)
Absolute Level (Initial Difference)
Nidle T
——
dBmOp
NidleR
–76.5
AV T
0.5671
0.6007
0.6363
AV R
0.5671
0.6007
0.6363
Vrms
1020
Absolute Delay
0
Td
1020
0.60
ms
0
A to A
BCLOCK
= 64 kHz
Transmit Group Delay
tgd T1
0.19
0.75
tgd T2
0.11
0.35
tgd T3
0.02
0.125
0
tgd T4
0.05
0.125
ms
*4
0.07
tgd T5
0.75
Receive Group Delay
0.00
0.75
0.00
0.00
0.125
ms
0
0.09
0.125
0.12
0.75
–74
Idle Channel Noise
AIN = SG
*3
*2
500
600
1000
2600
2800
Crosstalk Attenuation
CR T
7585—
CR R
77
1020
dB
0
TRANS Æ RECV
RECV Æ TRANS
tgd R1
tgd R2
tgd R3
tgd R4
tgd R5
500
600
1000
2600
2800
*4
70
0.35
Condition
(VDD = +5 V ±5%, Ta = –10°C to +70°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Level
(dBm0)
Freq.
(Hz)
–72.5
–70
–70.5
–69
*2
*1
*1 Psophometric filter is used
*2 Upper is specified for the MSM7508B, lower for the MSM7509B
*3 MSM7508B: All "0" code to PCMIN, MSM7509B: "11010101" to PCMIN
*4 Minimum value of the group delay distortion


Similar Part No. - MSM7509B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7502 OKI-MSM7502 Datasheet
196Kb / 35P
   Multi-Function PCM CODEC
MSM7503 OKI-MSM7503 Datasheet
242Kb / 41P
   Multi-Function PCM CODEC
MSM7503GS-BK OKI-MSM7503GS-BK Datasheet
242Kb / 41P
   Multi-Function PCM CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7507-01GS-K OKI-MSM7507-01GS-K Datasheet
139Kb / 18P
   Single Rail CODEC
More results

Similar Description - MSM7509B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
   Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
MSM7578H OKI-MSM7578H Datasheet
158Kb / 18P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7717-01 OKI-MSM7717-01 Datasheet
147Kb / 19P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com