Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP15R06KL4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FP15R06KL4
Description  Elektrische Eigenschaften / Electrical properties
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FP15R06KL4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FP15R06KL4 Datasheet HTML 1Page - List of Unclassifed Manufacturers FP15R06KL4 Datasheet HTML 2Page - List of Unclassifed Manufacturers FP15R06KL4 Datasheet HTML 3Page - List of Unclassifed Manufacturers FP15R06KL4 Datasheet HTML 4Page - List of Unclassifed Manufacturers FP15R06KL4 Datasheet HTML 5Page - List of Unclassifed Manufacturers FP15R06KL4 Datasheet HTML 6Page - List of Unclassifed Manufacturers FP15R06KL4 Datasheet HTML 7Page - List of Unclassifed Manufacturers FP15R06KL4 Datasheet HTML 8Page - List of Unclassifed Manufacturers FP15R06KL4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Technische Information / Technical Information
IGBT-Module
IGBT-Modules
FP15R06KL4
Vorläufig
Preliminary
Elektrische Eigenschaften / Electrical properties
Höchstzulässige Werte / Maximum rated values
Diode Gleichrichter/ Diode Rectifier
Periodische Rückw. Spitzensperrspannung
repetitive peak reverse voltage
Tvj =25°C
VRRM
800
V
Durchlaßstrom Grenzeffektivwert pro Chip
RMS forward current per chip
TC =80°C
IFRMSM
23
A
Gleichrichter Ausgang Grenzeffektivstrom
maximum RMS current at Rectifier output
TC =80°C
IRMSmax
36
A
Stoßstrom Grenzwert
tP = 10 ms, Tvj = 25°C
IFSM
197
A
surge forward current
tP = 10 ms, Tvj = 150°C
158
A
Grenzlastintegral
tP = 10 ms, Tvj = 25°C
I
2t
194
A
2s
I
2t - value
tP = 10 ms, Tvj = 150°C
125
A
2s
Transistor Wechselrichter/ Transistor Inverter
Kollektor-Emitter-Sperrspannung
collector-emitter voltage
Tvj =25°C
VCES
600
V
Kollektor-Dauergleichstrom
TC =65°C
IC,nom.
15
A
DC-collector current
TC = 25 °C
IC
19
A
Periodischer Kollektor Spitzenstrom
repetitive peak collector current
tP = 1 ms,
TC =65°C
ICRM
30
A
Gesamt-Verlustleistung
total power dissipation
TC = 25°C
Ptot
60
W
Gate-Emitter-Spitzenspannung
gate-emitter peak voltage
VGES
+/- 20V
V
Diode Wechselrichter/ Diode Inverter
Dauergleichstrom
DC forward current
IF
15
A
Periodischer Spitzenstrom
repetitive peak forw. current
tP = 1 ms
IFRM
30
A
Grenzlastintegral
I
2t - value
VR = 0V, tp = 10ms, Tvj = 125°C
I
2t
25
A
2s
Transistor Brems-Chopper/ Transistor Brake-Chopper
Kollektor-Emitter-Sperrspannung
collector-emitter voltage
Tvj =25°C
VCES
600
V
Kollektor-Dauergleichstrom
TC =65 °C
IC,nom.
15
A
DC-collector current
TC = 25 °C
IC
19
A
Periodischer Kollektor Spitzenstrom
repetitive peak collector current
tP = 1 ms,
TC =65°C
ICRM
30
A
Gesamt-Verlustleistung
total power dissipation
TC = 25°C
Ptot
60
W
Gate-Emitter-Spitzenspannung
gate-emitter peak voltage
VGES
+/- 20V
V
Diode Brems-Chopper/ Diode Brake-Chopper
Dauergleichstrom
DC forward current
IF
15
A
Periodischer Spitzenstrom
repetitive peak forw. current
tP = 1 ms
IFRM
30
A
prepared by: Thomas Passe
date of publication: 2002-02-13
approved by: Ingo Graf
revision: 5
1(12)


Similar Part No. - FP15R06KL4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP15R06KL4 INFINEON-FP15R06KL4 Datasheet
361Kb / 11P
   IGBT-modules
2010-12-14 revision:3.2
More results

Similar Description - FP15R06KL4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
56DN06B01 INFINEON-56DN06B01 Datasheet
231Kb / 8P
   Elektrische Eigenschaften / Electrical properties
2013-08-07 Revision: 3.1
logo
eupec GmbH
BSM30GP60 EUPEC-BSM30GP60 Datasheet
134Kb / 12P
   Elektrische Eigenschaften / Electrical properties
FP50R12KE3 EUPEC-FP50R12KE3 Datasheet
211Kb / 11P
   Elektrische Eigenschaften / Electrical properties
logo
List of Unclassifed Man...
FP10R06KL4 ETC1-FP10R06KL4 Datasheet
208Kb / 12P
   Elektrische Eigenschaften / Electrical properties
logo
eupec GmbH
FP75R12KE3 EUPEC-FP75R12KE3 Datasheet
211Kb / 11P
   Elektrische Eigenschaften / Electrical properties
logo
Infineon Technologies A...
BSM15GP60 INFINEON-BSM15GP60 Datasheet
164Kb / 13P
   Elektrische Eigenschaften / Electrical properties
17.09.1999
logo
World Produts Inc.
WPANTDP031 WPI-WPANTDP031 Datasheet
266Kb / 1P
   Electrical Properties
WPANTDP032 WPI-WPANTDP032 Datasheet
279Kb / 1P
   Electrical Properties
WPANTDP033 WPI-WPANTDP033 Datasheet
119Kb / 1P
   Electrical Properties
logo
Shanghai Leiditech Elec...
SMD1812P500TF-6 LEIDITECH-SMD1812P500TF-6 Datasheet
1Mb / 4P
   Electrical Properties
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com