Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFJ2803K Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # EFJ2803K
Description  3A EMI FILTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

EFJ2803K Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  EFJ2803K Datasheet HTML 1Page - M.S. Kennedy Corporation EFJ2803K Datasheet HTML 2Page - M.S. Kennedy Corporation EFJ2803K Datasheet HTML 3Page - M.S. Kennedy Corporation EFJ2803K Datasheet HTML 4Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI–REL DESIGN
• WELDED HERMETIC PACKAGE
• ALL CERAMIC CAPACITORS
• SURFACE MOUNT MAGNETICS
FEATURES
• REPLACES APEX FDHC461
• –55º TO +125ºC OPERATION
• 40db MINIMUM DIFFERENTIAL MODE REJECTION
AT200KHz
• 60db MINIMUM DIFFERENTIAL MODE REJECTION
FROM 500 KHzTO 50 MHz
• MEETS MIL–STD–461C CEO3 STANDARDS FOR
MSK DHC2800 SERIES DC–DC CONVERTERS
• MIL–STD–704A THROUGH E POWER BUS
COMPATABILITY
DESCRIPTION
The EFJ2803 is a high reliability EMI filter for use with the
DAC2800/DHC2800 series of DC-DC converters. This filter
has been designed to reduce the input line reflected ripple
current to within the limit of MIL-STD-461C, CE03.
EFJ2803 hybird EMI filters utilize all ceramic capacitors,
surface mount magnetics and ultrasonically bonded alumi-
num wires to provide reliable operation at all operating tem-
peratures while surviving very high G forces.
The 8-pin package is hermetically sealed and isolated from
the internal circuits. Heat sinking is recommended for full
power operation at elevated ambient temperatures. Multiple
DC-DC converters may use the same filter, up to the rated
throughput current of the filter.
TYPICAL APPLICATION
EQUIVALENT SCHEMATIC
EXTERNAL CONNECTIONS
V
IN
+Vout
CASE
GND
OUTPUT
COMMON
INPUT
COMMON
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
EFJ2803
ISO-9001 CERTIFIED BY DSCC
3A
EMI FILTER
Rev. - 2/01
1
1
2
3
4
5
6
7
8
+VIN
+VOUT
+VOUT
CASE GROUND
OUTPUT COMMON
OUTPUT COMMON
INPUT COMMON
CASE GROUND


Similar Part No. - EFJ2803K

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
EFJ2803 ANAREN-EFJ2803 Datasheet
264Kb / 4P
   3A EMI FILTER
EFJ2803E ANAREN-EFJ2803E Datasheet
264Kb / 4P
   3A EMI FILTER
EFJ2803H ANAREN-EFJ2803H Datasheet
264Kb / 4P
   3A EMI FILTER
logo
M.S. Kennedy Corporatio...
EFJ2803 MSK-EFJ2803_15 Datasheet
264Kb / 4P
   Surface Mount Magnetics
More results

Similar Description - EFJ2803K

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
EFJ2803 ANAREN-EFJ2803 Datasheet
264Kb / 4P
   3A EMI FILTER
logo
XFMRS Inc.
XFWCMC636347-152 XFMRS-XFWCMC636347-152 Datasheet
39Kb / 1P
   EMI filter
XFWCMC636347-142 XFMRS-XFWCMC636347-142 Datasheet
78Kb / 1P
   EMI filter
logo
Qualtek Electronics Cor...
860-10-024 QUALTEK-860-10-024 Datasheet
251Kb / 1P
   EMI FILTER
862-06-001 QUALTEK-862-06-001 Datasheet
248Kb / 1P
   EMI FILTER
862-06-003 QUALTEK-862-06-003 Datasheet
255Kb / 1P
   EMI FILTER
864-06-007 QUALTEK-864-06-007 Datasheet
286Kb / 1P
   EMI FILTER
864-10-009 QUALTEK-864-10-009 Datasheet
268Kb / 1P
   EMI FILTER
880-06-006 QUALTEK-880-06-006 Datasheet
277Kb / 1P
   EMI FILTER
882-03-001 QUALTEK-882-03-001 Datasheet
295Kb / 1P
   EMI FILTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com