Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7533V Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM7533V
Description  2ch Single Rail CODEC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7533V Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM7533V Datasheet HTML 6Page - OKI electronic componets MSM7533V Datasheet HTML 7Page - OKI electronic componets MSM7533V Datasheet HTML 8Page - OKI electronic componets MSM7533V Datasheet HTML 9Page - OKI electronic componets MSM7533V Datasheet HTML 10Page - OKI electronic componets MSM7533V Datasheet HTML 11Page - OKI electronic componets MSM7533V Datasheet HTML 12Page - OKI electronic componets MSM7533V Datasheet HTML 13Page - OKI electronic componets MSM7533V Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
¡ Semiconductor
MSM7533H/7533V/7534
10/18
ELECTRICAL CHARACTERISTICS
DC and Digital Interface Characteristics
Parameter
Power Supply Current
Input High Voltage
Input Low Voltage
High Level Input Leakage Current
Low Level Input Leakage Current
Digital Output Low Voltage
Digital Output Leakage Current
Input Capacitance
Symbol
IDD1
IDD2
IDD3
VIH
VIL
IIH
IIL
VOL
IO
Condition
Operating mode, No signal
Power-save mode, PDN = 1,
XSYNC or BCLK OFF
Power-down mode, PDN = 0
Pull-up resistance > 500 W
Min.
0.0
0.0
Typ.
7.0
1.3
0.01
0.2
Max.
14.0
3.0
0.05
VDD
2.0
0.5
0.4
10
Unit
mA
mA
mA
V
V
mA
mA
V
mA
CIN
—5—
pF
(VDD = +5 V ±5%, Ta = –30°C to +85°C)
2.2
0.8
Transmit Analog Interface Characteristics
Input Resistance
Output Load Resistance
Output Load Capacitance
Output Amplitude
Offset Voltage
RINX
RLGX
CLGX
VOGX
VOSGX
AIN1, AIN2
Gain = 1
10
20
–1.7
–20
30
+1.7
+20
MW
kW
pF
V
mV
GSX1, GSX2
with respect to SG
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
(VDD = +5 V ±5%, Ta = –30°C to +85°C)
Receive Analog Interface Characteristics
Output Load Resistance
Output Load Capacitance
RLAO
CLAO
0.6
50
kW
pF
Output Amplitude
Offset Voltage
VOAO
VOSAO
–1.7
–100
+1.7
+100
V
mV
AOUT1, AOUT2 (each) with
respect to SG
AOUT1, AOUT2
AOUT1, AOUT2, RL = 0.6 kW,
with respect to SG
AOUT1, AOUT2
with respect to SG
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
(VDD = +5 V ±5%, Ta = –30°C to +85°C)


Similar Part No. - MSM7533V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM7533V ETC2-MSM7533V Datasheet
1Mb / 20P
   2ch Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7533V LAPIS-MSM7533V Datasheet
1Mb / 20P
   2ch Single Rail CODEC
More results

Similar Description - MSM7533V

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7704-01 OKI-MSM7704-01 Datasheet
123Kb / 17P
   2ch Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7533V LAPIS-MSM7533V Datasheet
1Mb / 20P
   2ch Single Rail CODEC
MSM7704-01 LAPIS-MSM7704-01 Datasheet
1Mb / 19P
   2ch Single Rail CODEC
logo
List of Unclassifed Man...
MSM7704-01 ETC2-MSM7704-01 Datasheet
1Mb / 19P
   2ch Single Rail CODEC
MSM7704-01 ETC2-MSM7704-01 Datasheet
1Mb / 19P
   2ch Single Rail CODEC
MSM7533V ETC2-MSM7533V Datasheet
1Mb / 20P
   2ch Single Rail CODEC
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com