Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1007B-20VC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1007B-20VC
Description  1M x 1 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1007B-20VC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1007B-20VC Datasheet HTML 1Page - Cypress Semiconductor CY7C1007B-20VC Datasheet HTML 2Page - Cypress Semiconductor CY7C1007B-20VC Datasheet HTML 3Page - Cypress Semiconductor CY7C1007B-20VC Datasheet HTML 4Page - Cypress Semiconductor CY7C1007B-20VC Datasheet HTML 5Page - Cypress Semiconductor CY7C1007B-20VC Datasheet HTML 6Page - Cypress Semiconductor CY7C1007B-20VC Datasheet HTML 7Page - Cypress Semiconductor CY7C1007B-20VC Datasheet HTML 8Page - Cypress Semiconductor CY7C1007B-20VC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CY7C107B
CY7C1007B
Document #: 38-05030 Rev. **
Page 4 of 9
AC Test Loads and Waveforms
3.0V
5V
OUTPUT
R1 480
R2
255
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤ 3 ns
≤ 3 ns
5V
OUTPUT
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
1.73V
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
R2
255
R1 480
167
107-3
107-4
Switching Characteristics[5] Over the Operating Range
7C107B-12
7C1007B-12
7C107B-15
7C1007B-15
7C107B-20
7C1007B-20
7C107B-25
7C1007B-25
7C107B-35
7C1007B-35
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
12
15
20
25
35
ns
tAA
Address to Data Valid
12
15
20
25
35
ns
tOHA
Data Hold from Address
Change
3
3
333
ns
tACE
CE LOW to Data Valid
12
15
20
25
35
ns
tLZCE
CE LOW to Low Z[6]
3
3
333
ns
tHZCE
CE HIGH to High Z[6, 7]
67
8
10
10
ns
tPU
CE LOW to Power-Up
0
0
0
0
0
ns
tPD
CE HIGH to Power-Down
12
15
20
25
35
ns
WRITE CYCLE[8]
tWC
Write Cycle Time
12
15
20
25
35
ns
tSCE
CE LOW to Write End
10
12
15
20
25
ns
tAW
Address Set-Up to Write
End
10
12
15
20
25
ns
tHA
Address Hold from Write
End
0
0
000
ns
tSA
Address Set-Up to Write
Start
0
0
000
ns
tPWE
WE Pulse Width
10
12
15
20
25
ns
tSD
Data Set-Up to Write End
7
8
10
15
20
ns
tHD
Data Hold from Write End
0
0
0
0
0
ns
tLZWE
WE HIGH to Low Z[6]
3
3
333
ns
tHZWE
WE LOW to High Z[6, 7]
67
8
10
10
ns
Notes:
5.
Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
6.
At any given temperature and voltage condition, tHZCE is less than tLZCE and tHZWE is less than tLZWE for any given device.
7.
tHZCE and tHZWE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
8.
The internal write time of the memory is defined by the overlap of CE LOW and WE LOW. CE and WE must be LOW to initiate a write, and the transition of any of these
signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write.


Similar Part No. - CY7C1007B-20VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1007BN-15VC CYPRESS-CY7C1007BN-15VC Datasheet
310Kb / 7P
   1M x 1 Static RAM
CY7C1007BN-15VXC CYPRESS-CY7C1007BN-15VXC Datasheet
310Kb / 7P
   1M x 1 Static RAM
More results

Similar Description - CY7C1007B-20VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C107 CYPRESS-CY7C107 Datasheet
144Kb / 8P
   1M x 1 Static RAM
CY7C107BN CYPRESS-CY7C107BN Datasheet
310Kb / 7P
   1M x 1 Static RAM
CY7C107D CYPRESS-CY7C107D Datasheet
872Kb / 10P
   1-Mbit (1M x 1) Static RAM
CY7C107D CYPRESS-CY7C107D_09 Datasheet
859Kb / 10P
   1-Mbit (1M x 1) Static RAM
CY7C107D CYPRESS-CY7C107D_11 Datasheet
898Kb / 11P
   1-Mbit (1M x 1) Static RAM
CY7C1061AV25 CYPRESS-CY7C1061AV25 Datasheet
269Kb / 11P
   1M x 16 Static RAM
CY7C1046BV33 CYPRESS-CY7C1046BV33 Datasheet
136Kb / 8P
   1M x 4 Static RAM
CY7C1046B CYPRESS-CY7C1046B Datasheet
142Kb / 8P
   1M x 4 Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
270Kb / 11P
   1M x 16 Static RAM
CY7C1046CV33 CYPRESS-CY7C1046CV33 Datasheet
161Kb / 9P
   1M x 4 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com